Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4282
Description  High Voltage High Current Hot Swap Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 3Page - Analog Devices LTC4282 Datasheet HTML 4Page - Analog Devices LTC4282 Datasheet HTML 5Page - Analog Devices LTC4282 Datasheet HTML 6Page - Analog Devices LTC4282 Datasheet HTML 7Page - Analog Devices LTC4282 Datasheet HTML 8Page - Analog Devices LTC4282 Datasheet HTML 9Page - Analog Devices LTC4282 Datasheet HTML 10Page - Analog Devices LTC4282 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC4238
7
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
COMM: Communication Input/Output. Coordinates turn
on, turn off, and overcurrent faults between parts. Directly
connect the COMM pins of a group of parts to operate
them together. COMM may also be used as an ON status
or current limit status indicator. May be pulled to ground
with an open drain output to turn off the part. Leave open
if unused.
CONFIG1, CONFIG2: Three State Configuration Inputs.
Decoded to select one of nine possible configurations.
These include single FET, High Stress Staged Start (HSSS),
Parallel or Low Stress Staged Start (LSSS) modes, cur-
rent limit profile and timer type for TMR pin (see Table 3).
FB: Power Good Comparator Input. Connect this pin to
an external resistive divider from SOURCE to GND. If the
FB voltage falls below 2.48V, the PG pin will pull low to
indicate the power is bad.
FLT#: Over Current or FET Bad Fault Output. An open drain
output that pulls low when the FET bad timer or current
limit/SOA timer expires. Tie FLT# and UV together through
a resistor to INTVCC to enable auto-retry (see Applications
Information for details).
GATE1, GATE2: Gate Drives for External N-Channel
MOSFETs. Internal 50µA current sources charge the gates
of the MOSFETs. No compensation capacitors are required
on the GATE pins, but a resistor-capacitor (RC) network
from these pins to ground may be used to set the turn-on
output voltage slew rate. During turn-off there is a 10mA
pull-down current to SOURCE and a 1mA pull-down cur-
rent to GND. During a short-circuit or undervoltage lock-
out (VDD or INTVCC), a 0.8A pull-down between GATE1/
GATE2 and SOURCE is activated. If only one MOSFET is
used, leave the GATE2 pin open and connect SENSE2+
and SENSE2– to VDD.
GND: Device Ground.
INTVCC: Internal Supply Decoupling Output. Connect a
capacitor no smaller than 0.1µF from this pin to ground.
Up to 10mA may be drawn from this pin to power appli-
cation circuitry. This pin is current limited and will drop
to GND to reduce heating in an overcurrent condition.
Overloading this pin can disrupt internal operation. This
pin can be driven by an external supply that can only
source, but not sink current.
ISET: Current Limit Adjustment Input. The ISET voltage
is compared with seven threshold voltages generated by
a resistive voltage divider from INTVCC. The result sets
the current limit voltage to be one of eight discrete values
from 6mV to 20mV in 2mV increments. When ISET is
connected to ground, the current limit threshold is set
to 6mV. When ISET is connected to INTVCC, current limit
threshold is set to 20mV (see Table 1).
NC: No Connection. Not Internally connected.
OV: Overvoltage Comparator Input. Connect OV to an
external resistive voltage divider from VDD to GND. An
overvoltage fault is detected if this pin rises above the
2.56V threshold. When the OV pin voltage falls back below
the 2.51V falling threshold, the GATE pins will turn on
again immediately. Tie to GND if unused.
PG: Power Good Output. An open drain output that
pulls low when the FB pin drops below 2.48V indicat-
ing the power is bad. If the FB pin rises above 2.56V,
VDD – VSOURCE is lower than 2V, and the GATEs are fully
enhanced, the open-drain pull-down releases the PG to
go high.
SENSE1+, SENSE2+: Positive Kelvin Current Sense Input.
Connect these pins to the VDD side of the current sense
resistor(s).
SENSE1–, SENSE2–: Negative Kelvin Current Sense Input.
Connect this pin to the MOSFET side of the current sense
resistor(s). The current limit circuit controls the GATE
pin to limit the sense voltage between the SENSE+ and
SENSE– pins to the value selected by the ISET pin or less;
depending on the voltage at the VDSFB pin. Tie SENSE2– to
VDD when unused.
SOURCE: N-Channel MOSFET Source Connection.
Connect this pin to the source of the external N-channel
MOSFET switch. This pin provides a return for the gate
pull-down circuit and is used as an input to the 100mV
and 2V VDS comparators which are used for FET-BAD
faults and staged start timing, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com