Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4282
Description  High Voltage High Current Hot Swap Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 10Page - Analog Devices LTC4282 Datasheet HTML 11Page - Analog Devices LTC4282 Datasheet HTML 12Page - Analog Devices LTC4282 Datasheet HTML 13Page - Analog Devices LTC4282 Datasheet HTML 14Page - Analog Devices LTC4282 Datasheet HTML 15Page - Analog Devices LTC4282 Datasheet HTML 16Page - Analog Devices LTC4282 Datasheet HTML 17Page - Analog Devices LTC4282 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC4238
14
Rev. 0
For more information www.analog.com
limiting function of an RC network, but an RC network
may be used in low stress staged start to improve the
undershoot recovery time of the bypass MOSFET(s).
Current Limit Stability
For many applications the LTC4238 current limit loop is
stable without additional components. However, there are
certain conditions where additional components may be
needed to improve stability. The dominant pole of the
current limit circuit is set by the capacitance at the gate of
the external MOSFET, and larger gate capacitance makes
the current limit loop more stable. Usually a total of 10nF
GATE-to-SOURCE capacitance is sufficient for stability
and is provided by inherent MOSFET CGS. The stability of
the loop is degraded by reducing the size of the resistor
on a gate RC network if one is used, which may neces-
sitate additional GATE-to-SOURCE capacitance. The worst
case for current limit stability occurs when the output is
shorted to ground after a normal start-up. Board level
short-circuit testing is highly recommended as board lay-
out can also affect transient performance.
Parasitic MOSFET Oscillations
Not all circuit oscillations can be ascribed to the cur-
rent limit loop. Some higher frequency oscillations can
arise from the MOSFETs themselves. (See Rarely Asked
Questions 151, High-Side Current Sensing). There are two
possible parasitic oscillation mechanisms. The first type
of oscillation occurs at high frequencies, typically above
1MHz. This high frequency oscillation is easily damped
with gate resistors RG1 – RG4 as shown in Figure 1. In
some applications, one may find that these resistors
help in short-circuit transient recovery as well. However,
too large of a resistor will slow down the turn-off time.
The recommended RG1 – RG4 range is between 5Ω and
500Ω. 10Ω provides stability without affecting turn-off
time. These resistors must be located next to the MOSFET
gate pin with no other connections between them.
A second type of parasitic oscillation occurs at frequen-
cies between 200kHz and 800kHz when the MOSFET
source is loaded with less than 10μF, and the drain is
fed with an inductive impedance such as contributed by
wiring inductance. To prevent this second type of oscilla-
tion, load the source with more than 10μF and bypass the
input supply with a series 10Ω, 100nF snubber to ground.
Overcurrent Fault with a Basic Current Limit Timer
During active current limit, the power dissipation in the
MOSFET is large. If this power dissipation persists, the
MOSFET can reach temperatures that cause damage. A
basic current limit timer has a single capacitor connected
between TMR pin and GND and sets a maximum time for
the MOSFET to operate in a current limit mode. When
this timer expires, an over current fault is generated and
the MOSFET is turned off to protect it from overheating.
Current limiting begins when the current sense voltage
between the SENSE+ and SENSE– pins reaches the current
limit threshold level (which depends on foldback and the
voltage of the ISET pin). The corresponding GATE pin is
then pulled down and regulated to limit the current sense
voltage to the current limit value. In parallel mode, if either
GATE is in current limit during start-up then the current
limit timer starts to run. The external timer capacitor at
the TMR pin will be charged with a 20µA pull-up current.
After start-up, only when both GATE pins are regulated in
current limit will the current limit timer start to run. If at
least one of the GATE pins stops limiting current before
the TMR pin reaches the 2.56V threshold, then the TMR
pin will discharge with 5μA. For HSSS, LSSS or Single
Driver Modes, if the current sense voltage between the
SENSE1+ and SENSE1– pins reaches the current limit
threshold level, then the current limit timer will start to
run. For a given current limit time delay, tACL, use Equation
1 for setting the timing capacitor’s value:
CTMR = tACL • 8[nF/ms]
(1)
When the TMR pin reaches its 2.56V threshold, the
LTC4238 turns off both GATEs and generates an over-
current fault. The MOSFETs are turned off with a 10mA
current from GATE to SOURCE and a 1mA current from
GATE to ground. Open-drain output FLT# also pulls low.
After the fault, the TMR pin begins discharging with a 5μA
pull-down current. When the TMR pin reaches its 200mV
low threshold, it will cycle up with 20μA and down with
5μA 256 times to give the MOSFETs time to cool.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com