Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4282
Description  High Voltage High Current Hot Swap Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 13Page - Analog Devices LTC4282 Datasheet HTML 14Page - Analog Devices LTC4282 Datasheet HTML 15Page - Analog Devices LTC4282 Datasheet HTML 16Page - Analog Devices LTC4282 Datasheet HTML 17Page - Analog Devices LTC4282 Datasheet HTML 18Page - Analog Devices LTC4282 Datasheet HTML 19Page - Analog Devices LTC4282 Datasheet HTML 20Page - Analog Devices LTC4282 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTC4238
17
Rev. 0
For more information www.analog.com
part turns off, and the GATE pins are pulled low with 10mA
to SOURCE and 1mA to ground. If the DRAIN-to-SOURCE
voltage falls below 100mV and the GATE low conditions
are cleared before the TMRFET reaches 2.56V threshold,
the TMRFET pin will discharge with 500μA. For a given
FET-bad time delay, tFET-BAD, use Equation 5 for setting
the timing capacitor’s value:
CTMRFET = tFET-BAD • 8[nF/ms]
(5)
Note that during start-up, the VDS high condition is present
because the voltage from drain-to-source is greater than
100mV. To avoid undesired turn-off, the FET-bad timer
duration must be long enough for the largest allowable
load to start up. FET-bad faults are disabled by grounding
the TMRFET pin.
The LTC4238 treats a FET-bad fault similar to an overcur-
rent fault. If a FET-bad fault is detected, the MOSFETs are
turned off and the TMRFET pin begins discharging with a
500μA pull-down current. When the TMRFET pin reaches
its 0.2V threshold, it will cycle up with 20μA and down
with 500μA 64 times to allow the MOSFET time to cool
down. When automatically retrying with FLT# pin tied to
UV pin, the resulting FET-bad duty cycle is 1.6%. After
the final time the TMRFET pin falls below its 0.2V low
threshold the MOSFETs are allowed to turn on again.
Undervoltage and Overvoltage Faults
The UV pin can be used to monitor a supply undervoltage
condition using an external resistive voltage divider. An
undervoltage fault occurs when the UV voltage falls below
its 2.2V falling threshold. An overvoltage fault occurs
when the OV voltage goes above its rising threshold of
2.56V. When either an undervoltage or overvoltage fault
occurs, the LTC4238 shuts off the GATE pins with a 10mA
current to SOURCE and a 1mA current to ground.
If the UV voltage subsequently rises back above the
threshold for 40ms, the GATEs can turn on again. If the
OV voltage subsequently falls back below the threshold,
the GATEs can turn on again immediately. The UV and OV
signals may be filtered by placing a capacitor, CF, between
the UV pin and GND.
Dual Gate Operation Modes
The LTC4238 features dual gate drivers that are config-
ured by the CONFIG1 and CONFIG2 pins into four dis-
tinct operation modes: single driver, parallel, high stress
staged start (HSSS), and low stress staged start (LSSS).
As shown in Table 2, each mode features specific SOA or
RDS(ON) benefits, GATE(s) on/off behavior, power good
signaling and fault detection logic.
All modes except LSSS support starting up with a resis-
tive load such as a heating element or incandescent lamp.
The modes of the dual gate drivers are selected together
with the foldback profile and TMR behavior by the status
of CONFIG1 and CONFIG2 pins as shown in Table 3.
Parallel
High current applications often demand several power
MOSFETs in parallel to reach a target RDS(ON) under 1mΩ
that is unavailable in a single MOSFET. In addition, divid-
ing the load current amongst multiple devices alleviates
the PCB current crowding problem with the use of a single
MOSFET.
Parallel MOSFETs share current well when their GATE-
to-SOURCE voltages are fully enhanced. However, when
the MOSFETs are limiting current, the mismatch between
gate thresholds will cause the MOSFET with the lowest
threshold to carry more current than the others. Since
threshold voltage has a negative temperature coefficient,
as this MOSFET heats it may carry even more current.
Eventually all the load current may be carried by a single
MOSFET. For this reason, when a group of MOSFETs are
operated in parallel only the SOA (Safe Operating Area)
of a single MOSFET is guaranteed.
The LTC4238 resolves this problem by offering two gate
drivers, each with an independent current limit circuit and
associated current sense pins. For configuration 4, 7, 8,
and 9 as shown in Table 3, these two gate drivers operate
APPLICATIONS INFORMATION
Figure 4. LOGIC Diagram for FET-Bad Timer
4238 F04
RUN
FET-BAD
TIMER
VCOMM > GATE ON THRESHOLD
VCC – SOURCE > 100mV
GATE1 < 8V
GATE1 NOT IN ACL
GATE2 < 8V
GATE2 ENABLED OR NOT IN ACL
(DEPENDING ON THE MODE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com