Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2140
Description  3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2140 Datasheet HTML 3Page - Analog Devices ADP2140 Datasheet HTML 4Page - Analog Devices ADP2140 Datasheet HTML 5Page - Analog Devices ADP2140 Datasheet HTML 6Page - Analog Devices ADP2140 Datasheet HTML 7Page - Analog Devices ADP2140 Datasheet HTML 8Page - Analog Devices ADP2140 Datasheet HTML 9Page - Analog Devices ADP2140 Datasheet HTML 10Page - Analog Devices ADP2140 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADP2140
Rev. B | Page 7 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
BUCK OUTPUT
VIN1 = 4 V, VOUT = 1.8 V, IOUT = 10 mA, CIN = COUT = 10 µF, TA = 25°C, unless otherwise noted.
30
0
5
10
15
20
25
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 4. Quiescent Supply Current vs. Input Voltage, Different Temperatures
3.1
2.5
2.6
2.7
2.8
2.9
3.0
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 5. Switching Frequency vs. Input Voltage, Different Temperatures
3.10
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.05
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
5.5V
4.6V
3.1V
2.3V
Figure 6. Switching Frequency vs. Temperature, Different Input Voltages
1.82
1.76
1.77
1.78
1.79
1.80
1.81
–40
125
85
25
–5
JUNCTION TEMPERATURE (°C)
LOAD CURRENT = 1mA
LOAD CURRENT = 10mA
LOAD CURRENT = 50mA
LOAD CURRENT = 100mA
LOAD CURRENT = 300mA
LOAD CURRENT = 600mA
Figure 7. Output Voltage vs. Temperature, VIN1 = 2.3 V, Different Loads
1200
700
750
800
850
900
950
1000
1050
1100
1150
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
2.3V
3.0V
4.0V
5.0V
5.5V
Figure 8. Current Limit vs. Temperature, Different Input Voltages
140
0
20
40
60
80
100
120
3.50
5.50
5.25
5.00
4.75
4.50
4.25
4.00
3.75
INPUT VOLTAGE (V)
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 9. PSM to PWM Mode Transition vs. Input Voltage, Different
Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com