Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2140
Description  3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2140 Datasheet HTML 6Page - Analog Devices ADP2140 Datasheet HTML 7Page - Analog Devices ADP2140 Datasheet HTML 8Page - Analog Devices ADP2140 Datasheet HTML 9Page - Analog Devices ADP2140 Datasheet HTML 10Page - Analog Devices ADP2140 Datasheet HTML 11Page - Analog Devices ADP2140 Datasheet HTML 12Page - Analog Devices ADP2140 Datasheet HTML 13Page - Analog Devices ADP2140 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP2140
Data Sheet
Rev. B | Page 10 of 32
VIN1 = 4 V, VOUT = 1.8 V, IOUT = 10 mA, CIN = COUT = 10 µF, TA = 25°C, unless otherwise noted.
CH1 1.00V
CH2 50.0mV
M20.0µs
A CH1
4.68V
T 11.60%
CH3 5.00V
1
2
3
T
INPUT VOLTAGE
OUTPUT VOLTAGE
SWITCH NODE
Figure 22. Line Transient, VOUT = 1.2 V, PSM Mode, 50 mA, VIN1 = 4 V to 5 V,
4 μs Rise Time
CH1 1.00V
CH2 20.0mV
M20.0µs
A CH1
4.32V
T 10.80%
CH3 5.00V
1
2
3
T
INPUT VOLTAGE
OUTPUT VOLTAGE
SWITCH NODE
Figure 23. Line Transient, VOUT = 1.2 V, PWM Mode, 600 mA, VIN1 = 4 V to 5 V,
4 μs Rise Time
CH1 1.00V
CH2 50.0mV
M20.0µs
A CH1
4.68V
T 11.60%
CH3 5.00V
1
2
3
T
INPUT VOLTAGE
OUTPUT VOLTAGE
SWITCH NODE
Figure 24. Line Transient, VOUT = 3.3 V, PSM Mode, 50 mA, VIN1 = 4 V to 5 V,
4 μs Rise Time
CH1 1.00V
CH2 20.0mV
M20.0µs
A CH1
4.68V
T 11.60%
CH3 5.00V
1
2
3
T
INPUT VOLTAGE
OUTPUT VOLTAGE
SWITCH NODE
Figure 25. Line Transient, VOUT = 3.3 V, PWM Mode, 600 mA, VIN1 = 4 V to 5 V,
4 μs Rise Time
CH1 200mA
CH2 50.0mV
M20.0µs
A CH1
288mA
T 10.40%
CH3 5.00V
1
2
3
T
LOAD CURRENT
OUTPUT VOLTAGE
SWITCH NODE
Figure 26. Load Transient, VOUT = 1.8 V, 200 mA to 600 mA, Load Current Rise
Time = 200 ns
CH1 100mA
CH2 50.0mV
M20.0µs
A CH1
136mA
T 10.40%
CH3 5.00V
1
2
3
T
LOAD OUTPUT
OUTPUT VOLTAGE
SWITCH NODE
Figure 27. Load Transient, VOUT = 1.8 V, 50 mA to 250 mA, Load Current Rise
Time = 200 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com