Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2140
Description  3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2140 Datasheet HTML 13Page - Analog Devices ADP2140 Datasheet HTML 14Page - Analog Devices ADP2140 Datasheet HTML 15Page - Analog Devices ADP2140 Datasheet HTML 16Page - Analog Devices ADP2140 Datasheet HTML 17Page - Analog Devices ADP2140 Datasheet HTML 18Page - Analog Devices ADP2140 Datasheet HTML 19Page - Analog Devices ADP2140 Datasheet HTML 20Page - Analog Devices ADP2140 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
ADP2140
Rev. B | Page 17 of 32
VIN1 = 5 V, VIN2 = 2.3 V, VOUT2 = 1.8 V, IOUT2 = 10 mA, CIN2 = COUT2 = 1 µF, TA = 25°C, unless otherwise noted.
CH1 100mA
CH2 100mV
M40.0µs
A CH1
68mA
T 10.40%
1
2
T
LOAD CURRENT
VOUT2
Figure 60. Load Transient Response, VIN2 = 4 V, VOUT2 = 1.2 V,
1 mA to 300 mA, Load Current Rise Time = 200 ns
CH1 100mA
CH2 100mV
M40.0µs
A CH1
68mA
T 10.40%
1
2
T
LOAD CURRENT
VOUT2
Figure 61. Load Transient Response, VIN2 = 4 V, VOUT2 = 1.8 V,
1 mA to 300 mA, Load Current Rise Time = 200 ns
CH1 100mA
CH2 100mV
M40.0µs
A CH1
68mA
T 10.40%
1
2
T
LOAD CURRENT
VOUT2
Figure 62. Load Transient Response, VIN2 = 4 V, VOUT2 = 3.3 V,
1 mA to 300 mA, Load Current Rise Time = 200 ns
CH1 1.00V
CH2 5.00mV
M2.00µs
A CH4
12mV
T 10.20%
1
2
T
VIN2
VOUT2
Figure 63. Line Transient Response, VOUT2 = 1.8 V, Load Current = 1 mA,
VIN2 = 4 V to 5 V, 1 μs Rise Time
CH1 1.00V
CH2 5.00mV
M2.00µs
A CH4
12mV
T 10.20%
1
2
T
VOUT2
VIN2
Figure 64. Line Transient Response, VOUT2 = 1.2 V, Load Current = 1 mA,
VIN2 = 4 V to 5 V, 1 μs Rise Time
CH1 1.00V
CH2 5.00mV
M2.00µs
A CH4
12mV
T 10.20%
1
2
T
VOUT2
VIN2
Figure 65. Line Transient Response, VOUT2 = 3.3 V, Load Current = 1 mA,
VIN2 = 4 V to 5 V, 1 μs Rise Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com