Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP2140
Description  3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP2140 Datasheet HTML 24Page - Analog Devices ADP2140 Datasheet HTML 25Page - Analog Devices ADP2140 Datasheet HTML 26Page - Analog Devices ADP2140 Datasheet HTML 27Page - Analog Devices ADP2140 Datasheet HTML 28Page - Analog Devices ADP2140 Datasheet HTML 29Page - Analog Devices ADP2140 Datasheet HTML 30Page - Analog Devices ADP2140 Datasheet HTML 31Page - Analog Devices ADP2140 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
ADP2140
Rev. B | Page 29 of 32
145
135
125
115
105
95
85
75
65
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TOTAL POWER DISSIPATION (W)
500mm2
50mm2
0mm2
TJ MAX
Figure 93. Junction Temperature vs. Power Dissipation, TA = 65°C
135
125
115
105
95
85
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
TOTAL POWER DISSIPATION (W)
500mm2
50mm2
0mm2
TJ MAX
Figure 94. Junction Temperature vs. Power Dissipation, TA = 85°C
In cases where the board temperature is known, use the thermal
characterization parameter, ΨJB, to estimate the junction temper-
ature rise. Maximum junction temperature (TJ) is calculated
from the board temperature (TB) and power dissipation (PD)
using the formula
TJ = TB + (PD × ΨJB)
(5)
The typical ΨJB value for the 10-lead, 3 mm × 3 mm LFCSP is
16.9°C/W.
140
100
120
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TOTAL POWER DISSIPATION (W)
TB = 25°C
TB = 50°C
TB = 65°C
TB = 85°C
TJ MAX
Figure 95. Junction Temperature vs. Power Dissipation
PCB LAYOUT CONSIDERATIONS
Improve heat dissipation from the package by increasing
the amount of copper attached to the pins of the ADP2140.
However, as listed in Table 10, a point of diminishing returns
is eventually reached, beyond which an increase in the copper
size does not yield significant heat dissipation benefits.
Poor layout can affect the ADP2140 buck performance causing
electromagnetic interference (EMI) and electromagnetic compa-
tibility (EMC) performance, ground bounce, and voltage losses;
thus, regulation and stability can be affected. Implement a good
layout using the following rules:
•
Place the inductor, input capacitor, and output capacitor
close to the IC using short tracks. These components carry
high switching frequencies and long, large tracks act like
antennas.
•
Route the output voltage path away from the inductor and
SW node to minimize noise and magnetic interference.
•
Use a ground plane with several vias connected to the
component-side ground to reduce noise interference on
sensitive circuit nodes.
•
Use of 0402- or 0603-size capacitors achieves the smallest
possible footprint solution on boards where area is limited.
Figure 96. PCB Layout, Top
Figure 97. PCB Layout, Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com