Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2140
Description  3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2140 Datasheet HTML 4Page - Analog Devices ADP2140 Datasheet HTML 5Page - Analog Devices ADP2140 Datasheet HTML 6Page - Analog Devices ADP2140 Datasheet HTML 7Page - Analog Devices ADP2140 Datasheet HTML 8Page - Analog Devices ADP2140 Datasheet HTML 9Page - Analog Devices ADP2140 Datasheet HTML 10Page - Analog Devices ADP2140 Datasheet HTML 11Page - Analog Devices ADP2140 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP2140
Data Sheet
Rev. B | Page 8 of 32
VIN1 = 4 V, VOUT = 1.8 V, IOUT = 10 mA, CIN = COUT = 10 µF, TA = 25°C, unless otherwise noted.
1.82
1.81
1.80
1.79
1.78
1.77
1.76
2.3
5.5
5.1
4.7
4.3
3.9
3.5
3.1
2.7
INPUT VOLTAGE (V)
LOAD CURRENT = 1mA
LOAD CURRENT = 10mA
LOAD CURRENT = 50mA
LOAD CURRENT = 100mA
LOAD CURRENT = 300mA
LOAD CURRENT = 600mA
Figure 10. Line Regulation, VOUT = 1.8 V, Different Loads
1.82
1.81
1.80
1.79
1.78
1.77
1.76
1
10
100
1000
LOAD CURRENT (mA)
Figure 11. Load Regulation, VOUT = 1.8 V, VIN1 = 2.3 V
1.22
1.21
1.20
1.19
1.18
1.17
1
10
100
1000
LOAD CURRENT (mA)
Figure 12. Load Regulation, VOUT = 1.2 V, VIN1 = 2.3 V
3.350
3.325
3.300
3.275
3.250
1
10
100
1000
LOAD CURRENT (mA)
Figure 13. Load Regulation, VOUT = 3.3 V
100
90
80
70
60
50
40
30
20
10
0
1
10
100
1000
LOAD CURRENT (mA)
2.5V
3.0V
4.0V
5.0V
5.5V
Figure 14. Efficiency vs. Load Current, VOUT = 1.8 V, Different Input Voltages
100
90
80
70
60
50
40
30
20
10
0
1
10
100
1000
LOAD CURRENT (mA)
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 15. Efficiency vs. Load Current, VOUT = 1.8 V, Different Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com