Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP2140
Description  3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP2140 Datasheet HTML 24Page - Analog Devices ADP2140 Datasheet HTML 25Page - Analog Devices ADP2140 Datasheet HTML 26Page - Analog Devices ADP2140 Datasheet HTML 27Page - Analog Devices ADP2140 Datasheet HTML 28Page - Analog Devices ADP2140 Datasheet HTML 29Page - Analog Devices ADP2140 Datasheet HTML 30Page - Analog Devices ADP2140 Datasheet HTML 31Page - Analog Devices ADP2140 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADP2140
Data Sheet
Rev. B | Page 28 of 32
THERMAL CONSIDERATIONS
In most applications, the ADP2140 does not dissipate much
heat due to its high efficiency. However, in applications with
high ambient temperature and high supply voltage-to-output
voltage differential, the heat dissipated in the package is large
enough that it can cause the junction temperature of the die to
exceed the maximum junction temperature of 125°C.
When the junction temperature exceeds 150°C, the converter
enters thermal shutdown. It recovers only after the junction
temperature has decreased below 130°C to prevent any permanent
damage. Therefore, thermal analysis for the chosen application
is very important to guarantee reliable performance over all
conditions. The junction temperature of the die is the sum of
the ambient temperature of the environment and the tempera-
ture rise of the package due to the power dissipation, as shown
in Equation 2.
To guarantee reliable operation, the junction temperature of the
ADP2140 must not exceed 125°C. To ensure the junction temper-
ature stays below this maximum value, the user needs to be aware
of the parameters that contribute to junction temperature changes.
These parameters include ambient temperature, power dissipa-
tion in the power device, and thermal resistances between the
junction and ambient air (θJA). The θJA number is dependent on
the package assembly compounds that are used and the amount of
copper used to solder the package GND pins to the PCB. Table 10
shows typical θJA values of the 10-lead, 3 mm × 3 mm LFCSP for
various PCB copper sizes.
Table 10. Typical θJA Values
Copper Size (mm2)
θJA (°C/W)
01
42.5
50
40.0
100
38.8
300
37.2
500
36.2
1 The device is soldered to minimum size pin traces.
The junction temperature of the ADP2140 can be calculated
from the following equation:
TJ = TA + (PD × θJA)
(2)
where:
TA is the ambient temperature.
PD is the total power dissipation in the die, given by
PD = PLDO + PBUCK
where:
PLDO = [(VIN − VOUT) × ILOAD] + (VIN × IAGND)
(3)
PBUCK = PSW + PTRAN + PSW_COND
(4)
where:
ILOAD is the LDO load current.
IAGND is the analog ground current.
VIN and VOUT are the LDO input and output voltages,
respectively.
PSW, PTRAN, and PSW_COND are defined in the Efficiency section.
For a given ambient temperature and total power dissipation,
there exists a minimum copper size requirement for the PCB to
ensure the junction temperature does not rise above 125°C. The
following figures show junction temperature calculations for
different ambient temperatures, total power dissipation, and
areas of PCB copper.
145
135
125
115
105
95
85
75
65
55
45
35
25
0
0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75 3.00
TOTAL POWER DISSIPATION (W)
500mm2
50mm2
0mm2
TJ MAX
Figure 91. Junction Temperature vs. Power Dissipation, TA = 25°C
140
130
120
110
100
90
80
70
60
50
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
TOTAL POWER DISSIPATION (W)
500mm2
50mm2
0mm2
TJ MAX
Figure 92. Junction Temperature vs. Power Dissipation, TA = 50°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com