Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2140
Description  3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2140 Datasheet HTML 12Page - Analog Devices ADP2140 Datasheet HTML 13Page - Analog Devices ADP2140 Datasheet HTML 14Page - Analog Devices ADP2140 Datasheet HTML 15Page - Analog Devices ADP2140 Datasheet HTML 16Page - Analog Devices ADP2140 Datasheet HTML 17Page - Analog Devices ADP2140 Datasheet HTML 18Page - Analog Devices ADP2140 Datasheet HTML 19Page - Analog Devices ADP2140 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADP2140
Data Sheet
Rev. B | Page 16 of 32
VIN1 = 5 V, VIN2 = 2.3 V, VOUT2 = 1.8 V, IOUT2 = 10 mA, CIN2 = COUT2 = 1 µF, TA = 25°C, unless otherwise noted.
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
300mA
100mA
10mA
1mA
Figure 54. Power Supply Rejection Ratio vs. Frequency, VOUT2 = 3.3 V,
VIN1 = 5 V, VIN2 = 4.3 V
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
300mA
100mA
10mA
1mA
Figure 55. Power Supply Rejection Ratio vs. Frequency, VOUT2 = 1.8 V,
VIN1 = 5 V, VIN2 = 2.8 V
10
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
1.2V
1.8V
2.5V
3.3V
Figure 56. Output Noise Spectrum, VIN2 = 5 V, Load Current = 10 mA
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
300mA
200mA
100mA
10mA
1mA
Figure 57. Power Supply Rejection Ratio vs. Frequency, VOUT2 = 3.3 V,
VIN1 = 5 V, VIN2 = 3.8 V
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
300mA
200mA
100mA
10mA
1mA
Figure 58. Power Supply Rejection Ratio vs. Frequency VOUT2 = 1.8 V,
VIN1 = 5 V, VIN2 = 2.3 V
100
90
80
70
60
50
40
30
20
10
0
100n
1µ
10µ
100µ
1m
10m
1
100m
LOAD CURRENT (A)
1.2V
1.8V
2.5V
3.3V
Figure 59. Output Noise vs. Load Current and Output Voltage
VIN2 = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com