Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2140
Description  3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2140 Datasheet HTML 8Page - Analog Devices ADP2140 Datasheet HTML 9Page - Analog Devices ADP2140 Datasheet HTML 10Page - Analog Devices ADP2140 Datasheet HTML 11Page - Analog Devices ADP2140 Datasheet HTML 12Page - Analog Devices ADP2140 Datasheet HTML 13Page - Analog Devices ADP2140 Datasheet HTML 14Page - Analog Devices ADP2140 Datasheet HTML 15Page - Analog Devices ADP2140 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADP2140
Data Sheet
Rev. B | Page 12 of 32
VIN1 = 4 V, VOUT = 1.8 V, IOUT = 10 mA, CIN = COUT = 10 µF, TA = 25°C, unless otherwise noted.
CH1 50.0mA
CH2 50.0mV
M20.0µs
A CH1
48.0mA
T 10.40%
CH3 5.00V
1
2
3
T
LOAD CURRENT
OUTPUT VOLTAGE
SWITCH NODE
Figure 34. Load Transient, VOUT = 1.2 V,10 mA to 110 mA, Load Current Rise
Time = 200 ns
CH1 500mA
CH2 1.00V
CH4 5.00V
M100µs
A CH4
2.70V
T 10.40%
CH3 5.00V
1
2
3
4
T
INDUCTOR CURRENT
OUTPUT VOLTAGE
SWITCH NODE
ENABLE 1
Figure 35. Startup, VOUT = 1.8 V, 10 mA
CH1 500mA
CH2 1.00V
CH4 5.00V
M40.0µs
A CH4
2.70V
T 10.40%
CH3 5.00V
1
2
3
4
T
INDUCTOR CURRENT
OUTPUT VOLTAGE
SWITCH NODE
ENABLE 1
Figure 36. Startup, VOUT = 1.8 V, 600 mA
CH1 500mA
CH2 2.00V
CH4 5.00V
M40.0µs
A CH4
2.70V
T 10.40%
CH3 5.00V
1
2
3
4
T
INDUCTOR CURRENT
OUTPUT VOLTAGE
SWITCH NODE
ENABLE 1
Figure 37. Startup, VOUT = 3.3 V, 10 mA
CH1 500mA
CH2 2.00V
CH4 5.00V
M40.0µs
A CH4
2.70V
T 10.40%
CH3 5.00V
1
2
3
4
T
INDUCTOR CURRENT
OUTPUT VOLTAGE
SWITCH NODE
ENABLE 1
Figure 38. Startup, VOUT = 3.3 V, 600 mA
CH1 200mA
CH2 1.00V
CH4 5.00V
M100µs
A CH4
2.30V
T 10.40%
CH3 5.00V
1
2
3
4
T
INDUCTOR CURRENT
OUTPUT VOLTAGE
SWITCH NODE
ENABLE 1
Figure 39. Startup, VOUT = 1.2 V, 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com