Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP2140
Description  3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP2140 Datasheet HTML 19Page - Analog Devices ADP2140 Datasheet HTML 20Page - Analog Devices ADP2140 Datasheet HTML 21Page - Analog Devices ADP2140 Datasheet HTML 22Page - Analog Devices ADP2140 Datasheet HTML 23Page - Analog Devices ADP2140 Datasheet HTML 24Page - Analog Devices ADP2140 Datasheet HTML 25Page - Analog Devices ADP2140 Datasheet HTML 26Page - Analog Devices ADP2140 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADP2140
Rev. B | Page 23 of 32
CH1 500mV
CH2 500mV
M40.0µs
A CH3
1.16V
T 10.00%
CH3 2.00V
1
2
3
T
LDO OUTPUT
BUCK OUTPUT
EN1
Figure 78. Autosequence Mode Turn On Behavior, Buck Voltage = 1.8 V,
LDO Voltage = 1.2 V, Buck Load = 500 mA, LDO Load = 100 mA
CH1 1.00V
CH2 1.00V
M100ms
A CH3
3.04V
CH3 2.00V
1
2
3
LDO OUTPUT
BUCK OUTPUT
EN1
Figure 79. Autosequence Mode Turn On Behavior, Buck Voltage =1.8 V,
LDO Voltage = 1.2 V, Buck Load = 1 mA, LDO Load = 100 mA
CH1 500mV
CH2 1.00V
M2.00ms
A CH3
2.04V
T 10.00%
CH3 2.00V
1
2
3
T
LDO OUTPUT
BUCK OUTPUT
EN1
Figure 80. Autosequence Mode Turn On Behavior, Buck Voltage = 1.0 V,
LDO Voltage = 3.3 V, Buck Load = 500 mA, LDO Load = 100 mA
CH1 500mV
CH2 1.00V
M40.0µs
A CH3
2.04V
T 10.00%
CH3 2.00V
1
2
3
T
BUCK OUTPUT
EN1
LDO OUTPUT
Figure 81. Autosequence Mode Turn On Behavior, Buck Voltage = 1.0 V,
LDO Voltage = 3.3 V, Buck Load = 500 mA, LDO Load = 100 mA
(Expanded Version of Figure 80)
CH1 500mV
CH2 1.00V
M40.0µs
A CH3
2.04V
T 10.00%
CH3 2.00V
1
2
3
T
BUCK OUTPUT
EN1
LDO OUTPUT
Figure 82. Autosequence Mode Turn Off Behavior, Buck Voltage = 1.0 V,
LDO Voltage = 3.3 V, Buck Load = 500 mA, LDO Load = 100 mA
CH1 500mV
CH2 1.00V
M2.00ms
A CH3
3.04V
T 10.00%
CH3 2.00V
1
2
3
T
BUCK OUTPUT
EN1
LDO OUTPUT
Figure 83. Autosequence Mode Turn On Behavior, Buck Voltage = 1.0 V,
LDO Voltage = 3.3 V, Buck Load = 1 mA, LDO Load = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com