Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2140
Description  3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 3 Page - Analog Devices

  ADP2140 Datasheet HTML 1Page - Analog Devices ADP2140 Datasheet HTML 2Page - Analog Devices ADP2140 Datasheet HTML 3Page - Analog Devices ADP2140 Datasheet HTML 4Page - Analog Devices ADP2140 Datasheet HTML 5Page - Analog Devices ADP2140 Datasheet HTML 6Page - Analog Devices ADP2140 Datasheet HTML 7Page - Analog Devices ADP2140 Datasheet HTML 8Page - Analog Devices ADP2140 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADP2140
Rev. B | Page 3 of 32
SPECIFICATIONS
VIN1 = 3.6 V, VIN2 = VOUT2 + 0.3 V or 1.65 V, whichever is greater; 5 V EN1 = EN2 = VIN1; IOUT = 200 mA, IOUT2 = 10 mA, CIN = 10 μF,
COUT = 10 µF, COUT2 = 1 µF, LOUT = 1 μH; TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical
specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
BUCK SECTION
Input Voltage Range
VIN1
2.3
5.5
V
Buck Output Accuracy
VOUT
IOUT = 10 mA
−1.5
+1.5
%
VIN1 = 2.3 V or (VOUT + 0.5 V) to 5.5 V, IOUT = 1 mA to
600 mA
−2.5
+2.5
%
Transient Load Regulation
VTR-LOAD
VOUT = 1.8 V
Load = 50 mA to 250 mA, rise/fall time = 200 ns
75
mV
Load = 200 mA to 600 mA, rise/fall time = 200 ns
75
mV
Transient Line Regulation
VTR-LINE
Line transient = 4 V to 5 V, 4 μs rise time
VOUT = 1.0 V
40
mV
VOUT = 1.8 V
25
mV
VOUT = 3.3 V
25
mV
PWM To PSM Threshold
VIN1 = 2.3 V or (VOUT + 0.5 V) to 5.5 V
100
mA
Output Current
IOUT
600
mA
Current Limit
ILIM
VIN1 = 2.3 V or (VOUT + 0.5 V) to 5.5 V
1100
1300
mA
Switch On Resistance
PFET
RPFET
VIN1 = 2.3 V to 5.5 V
250
mΩ
NFET
RNFET
VIN1 = 2.3 V to 5.5 V
250
mΩ
Switch Leakage Current
ILEAK-SW
EN1 = GND, VIN1 = 5.5 V, and SW = 0 V
−1
μA
Quiescent Current
IQ
No load, device not switching
20
30
μA
Minimum On Time
ON-TIMEMIN
70
ns
Oscillator Frequency
FREQ
2.55
3.0
3.15
MHz
Frequency Foldback Threshold
VFOLD
Output voltage where fSW ≤ 50% of nominal frequency
50
%
Start-Up Time1
tSTART-UP
VOUT = 1.8 V, 600 mA load
70
µs
Soft Start Time2
SSTIME
VOUT = 1.8 V, 600 mA load
150
μs
LDO SECTION
Input Voltage Range
VIN2
1.65
5.5
V
LDO Output Accuracy
VOUT2
IOUT2 = 10 mA, TJ = 25°C
−1
+1
%
1 mA < IOUT2 < 300 mA, VIN2 = (VOUT2 + 0.3 V) to 5.5 V, TJ
= 25°C
−1.5
+1.5
%
1 mA < IOUT2 < 300 mA, VIN2 = (VOUT2 + 0.3 V) to 5.5 V
−3
+3
%
Line Regulation
∆VOUT2/∆VIN2
VIN2 = (VOUT2 + 0.3 V) to 5.5 V, IOUT2 = 10 mA
−0.05
+0.05
%/V
Load Regulation3
∆VOUT2/∆IOUT2
IOUT2 = 1 mA to 300 mA
0.001
0.005
%/mA
Dropout Voltage4
VDROPOUT
IOUT2 = 10 mA, VOUT2 = 1.8 V
4
7
mV
IOUT2 = 300 mA, VOUT2 = 1.8 V
110
200
mV
Ground Current
IAGND
No load, buck disabled
22
35
μA
IOUT2 = 10 mA
65
90
μA
IOUT2 = 300 mA
150
220
μA
Power Supply Rejection Ratio
PSRR
VIN2 = VOUT2 + 1 V, VIN1 = 5 V, IOUT2 = 10 mA
PSRR on VIN2
10 kHz, VOUT2 = 1.2 V, 1.8 V, 3.3 V
65
dB
100 kHz, VOUT2 = 3.3 V
53
dB
100 kHz, VOUT2 = 1.8 V
54
dB
100 kHz, VOUT2 = 1.2 V
55
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com