Electronic Components Datasheet Search
  English  ▼

X  

ADP2140 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2140
Description  3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2140 Datasheet(HTML) 1 Page - Analog Devices

  ADP2140 Datasheet HTML 1Page - Analog Devices ADP2140 Datasheet HTML 2Page - Analog Devices ADP2140 Datasheet HTML 3Page - Analog Devices ADP2140 Datasheet HTML 4Page - Analog Devices ADP2140 Datasheet HTML 5Page - Analog Devices ADP2140 Datasheet HTML 6Page - Analog Devices ADP2140 Datasheet HTML 7Page - Analog Devices ADP2140 Datasheet HTML 8Page - Analog Devices ADP2140 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
3 MHz, 600 mA, Low Quiescent Current
Buck with 300 mA LDO Regulator
Data Sheet
ADP2140
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 2.3 V to 5.5 V
LDO input (VIN2) 1.65 V to 5.5 V
Buck output voltage range: 1.0 V to 3.3 V
LDO output voltage range: 0.8 V to 3.3 V
Buck output current: 600 mA
LDO output current: 300 mA
LDO quiescent current: 22 μA with zero load
Buck quiescent current: 20 μA in PSM mode
Low shutdown current: <0.3 μA
Low LDO dropout 110 mV @ 300 mA load
High LDO PSRR
65 dB @ 10 kHz at VOUT2 = 1.2 V
55 dB @ 100 kHz at VOUT2 = 1.2 V
Low noise LDO: 40 μV rms at VOUT2 = 1.2 V
Initial accuracy: ±1%
Current-limit and thermal overload protection
Power-good indicator
Optional enable sequencing
10-lead 0.75 mm × 3 mm × 3 mm LFCSP package
APPLICATIONS
Mobile phones
Personal media players
Digital camera and audio devices
Portable and battery-powered equipment
TYPICAL APPLICATION CIRCUITS
VIN1
PGND
PG
SW
EN1
AGND
EN2
PG
EN1
EN2
FB
VOUT2
10
9
8
7
6
VIN2
1
2
3
4
5
ADP2140
100kΩ
+
CIN
10µF
+
COUT2
1µF
+ COUT
10µF
VIN1 = 3.6V
VOUT2 = 1.8V
1µH
VOUT = 1.2V
Figure 1. ADP2140 with LDO Connected to VIN1
VIN1
PGND
PG
SW
EN1
AGND
EN2
PG
EN1
EN2
FB
VOUT2
10
9
8
7
6
VIN2
1
2
3
4
5
ADP2140
100kΩ
+
CIN
10µF
+
COUT2
1µF
+ COUT
10µF
VIN1 = 3.3V
VOUT2 = 1.2V
1µH
VOUT = 1.8V
Figure 2. ADP2140 with LDO Connected to Buck Output
GENERAL DESCRIPTION
The ADP2140 includes a high efficiency, low quiescent 600 mA
stepdown dc-to-dc converter and a 300 mA LDO packaged in a
small 10-lead 3 mm × 3 mm LFCSP. The total solution requires
only four tiny external components.
The buck regulator uses a proprietary high speed current-
mode, constant frequency, pulse-width modulation (PWM)
control scheme for excellent stability and transient response. To
ensure the longest battery life in portable applications, the
ADP2140 has a power saving variable frequency mode to reduce
switching frequency under light loads.
The LDO is a low quiescent current, low dropout linear regulator
designed to operate in a split supply mode with VIN2 as low as
1.65 V. The low input voltage minimum allows the LDO to be
powered from the output of the buck regulator increasing effi-
ciency and reducing power dissipation. The ADP2140 runs from
input voltages of 2.3 V to 5.5 V allowing single Li+/Li− polymer
cell, multiple alkaline/NiMH cell, PCMCIA, and other standard
power sources.
ADP2140 includes a power-good pin, soft start, and internal
compensation. Numerous power sequencing options are user-
selectable through two enable inputs. In autosequencing mode,
the highest voltage output enables on the rising edge of EN1.
During logic controlled shutdown, the input disconnects from
the output and draws less than 300 nA from the input source.
Other key features include: undervoltage lockout to prevent deep
battery discharge, soft start to prevent input current overshoot
at startup, and both short-circuit protection and thermal overload
protection circuits to prevent damage in adverse conditions.
When the ADP2140 is used with two 0603 capacitors, one 0402
capacitor, one 0402 resistor, and one 0805 chip inductor, the
total solution size is approximately 90 mm2 resulting in the smallest
footprint solution to meet a variety of portable applications.


Similar Part No. - ADP2140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
1Mb / 22P
Power Conditioner for APL Field Devices
Rev. 0
logo
Lattice Semiconductor
ADP2140ACPZ3312R7 LATTICE-ADP2140ACPZ3312R7 Datasheet
3Mb / 23P
iCEblink40-LP1K Evaluation Kit
September 2012 Revision: EB75_01.1
More results

Similar Description - ADP2140

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
300 mA, High PSRR, Low Quiescent Current LDO
2009
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
logo
Microchip Technology
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1824T-ADJE MICROCHIP-MCP1824T-ADJE Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824ST-3302E MICROCHIP-MCP1824ST-3302E Datasheet
531Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
logo
ON Semiconductor
NCV48920 ONSEMI-NCV48920 Datasheet
236Kb / 18P
Charge Pump Buck/Boost Converter, LDO Regulator, 600 mA/300 mA, Very Low Quiescent Current
July, 2020 ??Rev. 1
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com