Electronic Components Datasheet Search
  English  ▼

X  

CP3UB26 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3UB26
Description  Reprogrammable Connectivity Processor with USB and CAN Interfaces
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3UB26 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button CP3UB26 Datasheet HTML 26Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 27Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 28Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 29Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 30Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 31Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 32Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 33Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 268 page
background image
www.national.com
30
7.2
MODULE STATUS REGISTER (MSTAT)
The MSTAT register is a byte-wide, read-only register that
indicates the general status of the device. The MCFG regis-
ter format is shown below.
OENV2:0
The Operating Environment bits hold the
states sampled from the ENV[2:0] input pins
at reset. These states are controlled by exter-
nal hardware at reset and are held constant in
the register until the next reset.
PGMBUSY
The Flash Programming Busy bit is automati-
cally set when either the program memory or
the data memory is being programmed or
erased. It is clear when neither of the memo-
ries is busy. When this bit is set, software must
not attempt to program or erase either of
these two memories. This bit is a copy of the
FMBUSY bit in the FMSTAT register.
0
– Flash memory is not busy.
1
– Flash memory is busy.
DPGMBUSY The Data Flash Programming Busy indicates
that the flash data memory is being erased or
a pipelined programming sequence is current-
ly ongoing. Software must not attempt to per-
form any write access to the flash program
memory at this time, without also polling the
FSMSTAT.FMFULL bit in the flash memory in-
terface. The DPGMBUSY bit is a copy of the
FMBUSY bit in the FSMSTAT register.
0
– Flash data memory is not busy.
1
– Flash data memory is busy.
WDRST
The Watchdog Reset bit indicates that a
Watchdog timer reset has occurred. Write a 1
to this bit to clear it. Power-on reset also
clears this bit.
0
– No Watchdog timer reset has occurred
since this bit was last cleared.
1
– A Watchdog timer reset has occurred
since this bit was last cleared.
ISPRST
The Software ISP Reset bit indicates that a
software ISP reset has occurred since the bit
was last cleared. This bit is cleared by a
SWRESET(CLR) sequence or a power-on re-
set.
0
– No software ISP reset has occurred since
this bit was last cleared.
1
– A software ISP reset has occurred since
this bit was last cleared.
7.3
SOFTWARE RESET REGISTER
(SWRESET)
The SWRESET register is a byte-wide, write-only register
which provides a mechanism for software to initiate a reset
into ISP mode without regard to the status of the EMPTY
bits in the flash protection word. This form of reset is only al-
lowed when all of the following conditions are true:
The device is in IRE or ERE mode
BOOTAREA is defined (has a value other than 1111b) in
the Protection Word (see Section 8.4.2 for more details).
ISPE is set in the flash protection word, indicating that
there is ISP code in the flash
To initiate a reset under these conditions, it is necessary to
write the value E1h to the SWRESET register, followed with-
in 127 clock cycles by the value 3Eh. The reset then follows
immediately. This sequence is called SWRESET(ISP).
Once the device has been reset into ISP mode by SWRE-
SET(ISP), any subsequent reset (other than internal or ex-
ternal power-on reset) will cause the part to reset into ISP
mode because the EMPTY bits in the Protection Word con-
tinue to be ignored.
A second set of special values written to the SWRESET reg-
ister will cause a reset out of ISP mode (whether or not the
device is currently in ISP mode). This can be used as a sim-
ple software reset. In this case, no conditions are checked.
To initiate reset out of ISP mode, write the value E1h to the
SWRESET register, followed within 127 clock cycles by the
value 0Eh. The reset then follows immediately. This se-
quence is called SWRESET(CLR). This reset also cancels
the effect of any previous SWRESET(ISP), so subsequent
resets will check the EMPTY bits to determine whether to
enter ISP mode.
The ISP reset behaves similarly to the Watchdog reset, for
example, if the flash interface is busy when reset is assert-
ed, the reset to the clock module is delayed until the flash
operations are completed.
7
6
5
4
3
2
0
ISPRST WDRST Res. DPGMBUSY PGMBUSY OENV2:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com