Electronic Components Datasheet Search
  English  ▼

X  

CP3UB26 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3UB26
Description  Reprogrammable Connectivity Processor with USB and CAN Interfaces
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3UB26 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button CP3UB26 Datasheet HTML 59Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 60Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 61Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 62Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 63Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 64Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 65Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 66Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 268 page
background image
63
www.national.com
13.1.1
Wake-Up Edge Detection Register (WK0EDG)
The WK0EDG register is a word-wide read/write register
that controls the edge sensitivity of the MIWU channels. The
WK0EDG register is cleared upon reset, which configures
all channels to be triggered on rising edges. The register for-
mat is shown below.
WKED
The Wake-Up Edge Detection bits control the
edge sensitivity for MIWU channels. The
WKED15:0 bits correspond to the WUI15:0
channels, respectively.
0
– Triggered on rising edge (low-to-high
transition).
1
– Triggered on falling edge (high-to-low
transition).
13.1.2
Wake-Up 1 Edge Detection Register (WK1EDG)
The WK1EDG register is a word-wide read/write register
that controls the edge sensitivity of the MIWU channels. The
WK1EDG register is cleared upon reset, which configures
all channels to be triggered on rising edges. The register for-
mat is shown below.
WKED
The Wake-Up Edge Detection bits control the
edge sensitivity for MIWU channels. The
WKED15:0 bits correspond to the WUI31:16
channels, respectively.
0
– Triggered on rising edge (low-to-high
transition).
1
– Triggered on falling edge (high-to-low
transition).
13.1.3
Wake-Up Enable Register (WK0ENA)
The WK0ENA register is a word-wide read/write register
that individually enables or disables wake-up events from
the MIWU channels. The WK0ENA register is cleared upon
reset, which disables all wake-up/interrupt channels. The
register format is shown below.
WKEN
The Wake-Up Enable bits enable and disable
the MIWU channels. The WKEN15:0 bits cor-
respond to the WUI15:0 channels, respective-
ly.
0
– MIWU channel wake-up events disabled.
1
– MIWU channel wake-up events enabled.
13.1.4
Wake-Up 1 Enable Register (WK1ENA)
The WK1ENA register is a word-wide read/write register
that individually enables or disables wake-up events from
the MIWU channels. The WK1ENA register is cleared upon
reset, which disables all wake-up/interrupt channels. The
register format is shown below.
WKEN
The Wake-Up Enable bits enable and disable
the MIWU channels. The WKEN15:0 bits cor-
respond to the WUI31:16 channels, respec-
tively.
0
– MIWU channel wake-up events disabled.
1
– MIWU channel wake-up events enabled.
13.1.5
Wake-Up Interrupt Enable Register (WK0IENA)
The WK0IENA register is a word-wide read/write register
that enables and disables interrupts from the MIWU chan-
nels. The register format is shown below.
WKIEN
The Wake-Up Interrupt Enable bits control
whether MIWU channels generate interrupts.
The WKIEN15:0 bits correspond to the
WUI15:0 channels, respectively.
0
– Interrupt disabled.
1
– Interrupt enabled.
13.1.6
Wake-Up 1 Interrupt Enable Register
(WK1IENA)
The WK1IENA register is a word-wide read/write register
that enables and disables interrupts from the MIWU chan-
nels. The register format is shown below.
WK1IEN
The Wake-Up Interrupt Enable bits control
whether MIWU channels generate interrupts.
The WKIEN15:0 bits correspond to the
WUI31:16 channels, respectively.
0
– Interrupt disabled.
1
– Interrupt enabled.
15
0
WKED
15
0
WKED
15
0
WKEN
15
0
WKEN
15
0
WKIEN
15
0
WKIEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com