Electronic Components Datasheet Search
  English  ▼

X  

CP3UB26 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3UB26
Description  Reprogrammable Connectivity Processor with USB and CAN Interfaces
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3UB26 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CP3UB26 Datasheet HTML 1Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 2Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 3Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 4Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 5Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 6Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 7Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 8Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 268 page
background image
©2004 National Semiconductor Corporation
www.national.com
FINAL
JULY 2004
CP3UB26 Reprogrammable Connectivity Processor with
USB and CAN Interfaces
1.0
General Description
The CP3UB26 connectivity processor combines high per-
formance with the massive integration needed for embed-
ded applications. A powerful RISC core with on-chip SRAM
and Flash memory provides high computing bandwidth,
hardware communications peripherals provide high-I/O
bandwidth, and an external bus provides system expand-
ability.
On-chip communications peripherals include: Universal Se-
rial Bus (USB) 1.1 node, CAN, Microwire/Plus, SPI, AC-
CESS.bus, quad UART, 12-bit A/D converter, and Advanced
Audio Interface (AAI). Additional on-chip peripherals include
Random Number Generator (RNG), DMA controller, CVSD/
PCM conversion module, Timing and Watchdog Unit, Ver-
satile Timer Unit, Multi-Function Timer, and Multi-Input
Wake-Up (MIWU) unit.
Hand-held devices can be both smaller and lower in cost for
maximum consumer appeal. The low voltage and advanced
power-saving modes achieve new design points in the
trade-off between battery size and operating time for hand-
held and portable applications.
In addition to providing the features needed for the next gen-
eration of embedded products, the CP3UB26 is backed up
by the software resources designers need for rapid time-to-
market, including an operating system, peripheral drivers,
reference designs, and an integrated development environ-
ment.
National Semiconductor offers a complete and industry-
proven application development environment for CP3UB26
applications, including the IAR Embedded Workbench,
iSYSTEM winIDEA and iC3000 Active Emulator, Develop-
ment Board, and Application Software.
Block Diagram
CPU Core Bus
12 MHz and 32 kHz
Oscillator
Peripheral Bus
PLL and Clock
Generator
Power-on-Reset
Bus
Interface
Unit
Peripheral
Bus
Controller
Serial
Debug
Interface
DMA
Controller
Interrupt
Control
Unit
CVSD/PCM
Converter
Power
Manage-
ment
Timing and
Watchdog
Unit
8-Channel
12-bit ADC
Versatile
Timer Unit
Muti-Func-
tion Timer
Multi-Input
Wake-Up
GPIO
Audio
Interface
Microwiire/
SPI
Quad UART
Clock Generator
DS311
256K Bytes
Flash
Program
Memory
8K Bytes
Flash
Data
32K Bytes
Static
RAM
CR16C
CPU Core
ACCESS
.bus
Random
Number
Generator
USB
CAN 2.0B
Controller
TRI-STATE is a registered trademark of National Semiconductor Corporation.


Similar Part No. - CP3UB26

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CP3UB26 TI1-CP3UB26 Datasheet
4Mb / 364P
CP3UB26 Reprogrammable Connectivity Processor with USB Interface
CP3UB26G18NEPX/NOPB TI1-CP3UB26G18NEPX/NOPB Datasheet
4Mb / 364P
CP3UB26 Reprogrammable Connectivity Processor with USB Interface
More results

Similar Description - CP3UB26

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CP3UB17 NSC-CP3UB17 Datasheet
3Mb / 200P
CP3UB17 Reprogrammable Connectivity Processor with USB Interface
CP3BT10 NSC-CP3BT10 Datasheet
3Mb / 210P
Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
CP3CN17 NSC-CP3CN17 Datasheet
3Mb / 220P
Reprogrammable Connectivity Processor with CAN Interface
CP3BT26 NSC-CP3BT26 Datasheet
3Mb / 278P
Reprogrammable Connectivity Processor with Bluetooth-R, USB, and CAN Interfaces
CP3BT13 NSC-CP3BT13 Datasheet
3Mb / 232P
CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
CP3CN23 NSC-CP3CN23 Datasheet
3Mb / 246P
CP3CN23 Reprogrammable Connectivity Processor with Dual CAN Interfaces
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
CP3BT23 TI1-CP3BT23_14 Datasheet
3Mb / 324P
CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
CP3SP33 TI1-CP3SP33 Datasheet
2Mb / 407P
Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
CP3UB26 TI1-CP3UB26 Datasheet
4Mb / 364P
CP3UB26 Reprogrammable Connectivity Processor with USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com