Electronic Components Datasheet Search
  English  ▼

X  

CP3UB26 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3UB26
Description  Reprogrammable Connectivity Processor with USB and CAN Interfaces
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3UB26 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CP3UB26 Datasheet HTML 10Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 11Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 12Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 13Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 14Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 15Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 16Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 17Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 268 page
background image
www.national.com
14
PF7
1
I/O
Generic I/O
SRD
AAI Receive Data Input
TIO8
Versatile Timer Channel 8
PG0
1
I/O
Generic I/O
None
None
PG1
1
I/O
Generic I/O
None
None
PG2
1
I/O
Generic I/O
SRCLK
AAI Receive Clock
PG3
1
I/O
Generic I/O
None
None
PG4
1
I/O
Generic I/O
None
None
PG5
1
I/O
Generic I/O
None
None
PG6
1
I/O
Generic I/O
WUI10
Multi-Input Wake-Up Channel 10
PG7
1
I/O
Generic I/O
TA
Multi Function Timer Port A
PH0
1
I/O
Generic I/O
RXD1
UART Channel 1 Receive Data Input
WUI11
Multi-Input Wake-Up Channel 11
PH1
1
I/O
Generic I/O
TXD1
UART Channel 1 Transmit Data Output
WUI12
Multi-Input Wake-Up Channel 12
PH2
1
I/O
Generic I/O
RXD2
UART Channel 2 Receive Data Input
WUI13
Multi-Input Wake-Up Channel 13
PH3
1
I/O
Generic I/O
TXD2
UART Channel 2 Transmit Data Output
WUI14
Multi-Input Wake-Up Channel 14
PH4
1
I/O
Generic I/O
RXD3
UART Channel 3 Receive Data Input
WUI15
Multi-Input Wake-Up Channel 15
PH5
1
I/O
Generic I/O
TXD3
UART Channel 3 Transmit Data Output
WUI16
Multi-Input Wake-Up Channel 16
PH6
1
I/O
Generic I/O
CANRX
CAN Receive Input
WUI17
Multi-Input Wake-Up Channel 17
PH7
1
I/O
Generic I/O
CANTX
CAN Transmit Output
PJ0
1
I/O
Generic I/O
WUI18
Multi-Input Wake-Up Channel 18
PJ7
1
I/O
Generic I/O
ASYNC
Start Convert Signal to ADC
WUI9
Multi-Input Wake-Up Channel 9
Name
Pins
I/O
Primary Function
Alternate
Name
Alternate Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com