Electronic Components Datasheet Search
  English  ▼

X  

CP3UB26 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3UB26
Description  Reprogrammable Connectivity Processor with USB and CAN Interfaces
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3UB26 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CP3UB26 Datasheet HTML 5Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 6Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 7Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 8Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 9Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 10Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 11Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 12Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 268 page
background image
9
www.national.com
Table 2
CP3UB26 LQFP-128 Signal Descriptions
Name
Pins
I/O
Primary Function
Alternate
Name
Alternate Function
X1CKI
1
Input
12 MHz Oscillator Input
BBCLK
BB reference clock for the RF Interface
X1CKO
1
Output
12 MHz Oscillator Output
None
None
X2CKI
1
Input
32 kHz Oscillator Input
None
None
X2CKO
1
Output
32 kHz Oscillator Output
None
None
RESET
1
Input
Chip general reset
None
None
ENV0
1
I/O
Special mode select input with
internal pull-up during reset
PLLCLK
PLL Clock Output
ENV1
1
I/O
Special mode select input with
internal pull-up during reset
CPUCLK
CPU Clock Output
ENV2
1
I/O
Special mode select input with
internal pull-up during reset
SLOWCLK
Slow Clock Output
TMS
1
Input
JTAG Test Mode Select
(with internal weak pull-up)
None
None
TCK
1
Input
JTAG Test Clock Input
(with internal weak pull-up)
None
None
TDI
1
Input
JTAG Test Data Input
(with internal weak pull-up)
None
None
TDO
1
Output
JTAG Test Data Output
None
None
RDY
1
Output
NEXUS Ready Output
None
None
VCC
6
Input
2.5V Core Logic
Power Supply
None
None
GND
6
Input
Core Ground
None
None
IOVCC
15
Input
2.5
–3.3V I/O Power Supply
None
None
IOGND
14
Input
I/O Ground
None
None
AVCC
1
Input
PLL Analog Power Supply
None
None
AGND
1
Input
PLL Analog Ground
None
None
ADVCC
1
Input
ADC Analog Power Supply
None
None
ADGND
1
Input
ADC Analog Ground
None
None
SCL
1
I/O
ACCESS.bus Clock
None
None
SDA
1
I/O
ACCESS.bus Serial Data
None
None
D-
1
I/O
USB D- Upstream Port
None
None
D+
1
I/O
USB D+ Upstream Port
None
None
UVCC
1
Input
3.3V USB Transceiver Supply
None
None
UGND
1
Input
USB Transceiver Ground
None
None
ADC0
1
I/O
ADC Input Channel 0
TSX+
Touchscreen X+ contact
ADC1
1
I/O
ADC Input Channel 1
TSY+
Touchscreen Y+ contact
ADC2
1
I/O
ADC Input Channel 2
TSX-
Touchscreen X- contact
ADC3
1
I/O
ADC Input Channel 3
TSY-
Touchscreen Y- contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com