Electronic Components Datasheet Search
  English  ▼

X  

CP3UB26 Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3UB26
Description  Reprogrammable Connectivity Processor with USB and CAN Interfaces
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3UB26 Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button CP3UB26 Datasheet HTML 82Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 83Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 84Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 85Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 86Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 87Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 88Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 89Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 268 page
background image
www.national.com
86
17.3.1
Main Control Register (MCNTRL)
The MCNTRL register controls the main functions of the
CR16 USB node. The MCNTRL register provides read/write
access from the CPU bus. Reserved bits must be written
with 0, and they return 0 when read. It is clear after reset.
USBEN
The USB Enable controls whether the USB
module is enabled. If the USB module is dis-
abled, the 48 MHz clock within the USB node
is stopped, all USB registers are initialized to
their reset state, and the USB transceiver forc-
es SE0 on the bus to prevent the hub from de-
tected the USB node. The USBEN bit is clear
after reset.
0 – The USB module is disabled.
1 – The USB module is enabled.
EPC0
FF FDC0h
Endpoint Control 0
Register
EPC1
FF FDD0h
Endpoint Control 1
Register
EPC2
FF FDD8h
Endpoint Control 2
Register
EPC3
FF FDE0h
Endpoint Control 3
Register
EPC4
FF FDDE8h
Endpoint Control 4
Register
EPC5
FF FDF0h
Endpoint Control 5
Register
EPC6
FF FDF8h
Endpoint Control 6
Register
TXS0
FF FDC4h
Transmit Status 0
Register
TXS1
FF FDD4h
Transmit Status 1
Register
TXS2
FF FDE4h
Transmit Status 2
Register
TXS3
FF FDF4h
Transmit Status 3
Register
TXC0
FF FDC6h
Transmit Command 0
Register
TXC1
FF FDD6
Transmit Command 1
Register
TXC2
FF FDE6h
Transmit Command 2
Register
TXC3
FF FDF6h
Transmit Command 3
Register
TXD0
FF FDC2h
Transmit Data 0
Register
TXD1
FF FDD2h
Transmit Data 1
Register
TXD2
FF FDE2h
Transmit Data 2
Register
TXD3
FF FDF2h
Transmit Data 3
Register
RXS0
FF FDCCh
Receive Status 0
Register
RXS1
FF FDDCh
Receive Status 1
Register
RXS2
FF FDECh
Receive Status 2
Register
Table 37
USB Controller Registers
Name
Address
Description
RXS3
FF FDFCh
Receive Status 3
Register
RXC0
FF FDCEh
Receive Command 0
Register
RXC1
FF FDDEh
Receive Command 1
Register
RXC2
FF FDEEh
Receive Command 2
Register
RXC3
FF FDFEh
Receive Command 3
Register
RXD0
FF FDCAh
Receive Data 0
Register
RXD1
FF FDDAh
Receive Data 2
Register
RXD2
FF FDEAh
Receive Data 2
Register
RXD3
FF FDFAh
Receive Data 3
Register
7
4
3
2
1
0
Reserved
NAT
Reserved
USBEN
Table 37
USB Controller Registers
Name
Address
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com