Electronic Components Datasheet Search
  English  ▼

X  

CP3UB26 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3UB26
Description  Reprogrammable Connectivity Processor with USB and CAN Interfaces
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3UB26 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button CP3UB26 Datasheet HTML 60Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 61Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 62Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 63Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 64Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 65Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 66Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 67Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 268 page
background image
www.national.com
64
13.1.7
Wake-Up Interrupt Control Register 1
(WK0ICTL1)
The WK0ICTL1 register is a word-wide read/write register
that selects the interrupt request signal for the associated
MIWU channels WUI7:0. At reset, the WK0ICTL1 register is
cleared, which selects MIWU Interrupt Request 0 for all
eight channels. The register format is shown below.
WKINTR
The Wake-Up Interrupt Request Select fields
select which of the four MIWU interrupt re-
quests are activated for the corresponding
channel.
00 – Selects MIWU interrupt request 0.
01 – Selects MIWU interrupt request 1.
10 – Selects MIWU interrupt request 2.
11 – Selects MIWU interrupt request 3.
13.1.8
Wake-Up 1 Interrupt Control Register 1
(WK1ICTL1)
The WK1ICTL1 register is a word-wide read/write register
that selects the interrupt request signal for the associated
MIWU channels WUI23:16. At reset, the WK1ICTL1 register
is cleared, which selects MIWU Interrupt Request 4 for all
eight channels. The register format is shown below.
WKINTR
The Wake-Up Interrupt Request Select fields
select which of the four MIWU interrupt re-
quests are activated for the corresponding
channel.
00 – Selects MIWU interrupt request 4.
01 – Selects MIWU interrupt request 5.
10 – Selects MIWU interrupt request 6.
11 – Selects MIWU interrupt request 7.
13.1.9
Wake-Up Interrupt Control Register 2
(WK0ICTL2)
The WK0ICTL2 register is a word-wide read/write register
that selects the interrupt request signal for the associated
MIWU channels WUI15:8. At reset, the WK2ICTL2 register
is cleared, which selects MIWU Interrupt Request 0 for all
eight channels. The register format is shown below.
WKINTR
The Wake-Up Interrupt Request Select fields
select which of the four MIWU interrupt re-
quests are activated for the corresponding
channel.
00 – Selects MIWU interrupt request 0.
01 – Selects MIWU interrupt request 1.
10 – Selects MIWU interrupt request 2.
11 – Selects MIWU interrupt request 3.
13.1.10 Wake-Up 1 Interrupt Control Register 2
(WK1ICTL2)
The WK1ICTL2 register is a word-wide read/write register
that selects the interrupt request signal for the associated
MIWU channels WUI31:24. At reset, the WK1ICTL2 register
is cleared, which selects MIWU Interrupt Request 4 for all
eight channels. The register format is shown below.
WKINTR
The Wake-Up Interrupt Request Select fields
select which of the four MIWU interrupt re-
quests are activated for the corresponding
channel.
00 – Selects MIWU interrupt request 4.
01 – Selects MIWU interrupt request 5.
10 – Selects MIWU interrupt request 6.
11 – Selects MIWU interrupt request 7.
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
WKIN
TR7
WKIN
TR6
WKIN
TR5
WKIN
TR4
WKIN
TR3
WKIN
TR2
WKIN
TR1
WKIN
TR0
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
WKIN
TR23
WKIN
TR22
WKIN
TR21
WKIN
TR20
WKIN
TR19
WKIN
TR18
WKIN
TR17
WKIN
TR16
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
WKIN
TR15
WKIN
TR14
WKIN
TR13
WKIN
TR12
WKIN
TR11
WKIN
TR10
WKIN
TR9
WKIN
TR8
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
WKIN
TR31
WKIN
TR30
WKIN
TR29
WKIN
TR28
WKIN
TR27
WKIN
TR26
WKIN
TR25
WKIN
TR24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com