Electronic Components Datasheet Search
  English  ▼

X  

CP3UB26 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3UB26
Description  Reprogrammable Connectivity Processor with USB and CAN Interfaces
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3UB26 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button CP3UB26 Datasheet HTML 44Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 45Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 46Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 47Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 48Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 49Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 50Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 51Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 268 page
background image
www.national.com
48
10.3.1
Interrupt Vector Register (IVCT)
The IVCT register is a byte-wide read-only register which re-
ports the encoded value of the highest priority maskable in-
terrupt that is both asserted and enabled. The valid range is
from 10h to 3Fh. The register is read by the CPU during an
interrupt acknowledge bus cycle, and INTVECT is valid dur-
ing that time. It may contain invalid data while INTVECT is
updated.
INTVECT
The Interrupt Vector field indicates the highest
priority interrupt which is both asserted and
enabled.
10.3.2
Non-Maskable Interrupt Status Register
(NMISTAT)
The NMISTAT register is a byte-wide read-only register. It
holds the status of the current pending Non-Maskable Inter-
rupt (NMI) requests. On the CP3UB26, the external NMI in-
put is the only source of NMI interrupts. The NMISTAT
register is cleared on reset and each time its contents are
read.
EXT
The External NMI request bit indicates wheth-
er an external non-maskable interrupt request
has occurred. Refer to the description of the
EXNMI register below for additional details.
0
– No external NMI request.
1
– External NMI request has occurred.
10.3.3
External NMI Trap Control and Status Register
(EXNMI)
The EXNMI register is a byte-wide read/write register. It in-
dicates the current value of the NMI pin and controls the
NMI interrupt trap generation based on a falling edge of the
NMI pin. TST, EN and ENLCK are cleared on reset. When
writing to this register, all reserved bits must be written with
0 for the device to function properly
EN
The EXNMI trap enable bit is one of two bits
that can be used to enable NMI interrupts.
The bit is cleared by hardware at reset and
whenever the NMI interrupt occurs (EXN-
MI.EXT set). It is intended for applications
where the NMI input toggles frequently but
nested NMI traps are not desired. For these
applications, the EN bit needs to be re-en-
abled before exiting the trap handler. When
used this way, the ENLCK bit should never be
set. The EN bit can be set and cleared by soft-
ware (software can set this bit only if EXN-
MI.EXT is cleared), and should only be set
after the interrupt base register and the inter-
rupt stack pointer have been set up.
0
– NMI interrupts not enabled by this bit (but
may be enabled by the ENLCK bit).
1
– NMI interrupts enabled.
PIN
The PIN bit indicates the state (non-inverted)
on the NMI input pin. This bit is read-only, data
written into it is ignored.
0
– NMI pin not asserted.
1
– NMI pin asserted.
ENLCK
The EXNMI trap enable lock bit is used to per-
manently enable NMI interrupts. Only a de-
vice reset can clear the ENLCK bit. This
allows the external NMI feature to be enabled
after the interrupt base register and the inter-
rupt stack pointer have been set up. When the
ENLCK bit is set, the EN bit is ignored.
0
– NMI interrupts not enabled by this bit (but
may be enabled by the EN bit).
1
– NMI interrupts enabled.
7
6
5
0
0
0
INTVECT
71
0
Reserved
EXT
73
2
1
0
Reserved
ENLCK
PIN
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com