Electronic Components Datasheet Search
  English  ▼

X  

CP3UB26 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3UB26
Description  Reprogrammable Connectivity Processor with USB and CAN Interfaces
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3UB26 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button CP3UB26 Datasheet HTML 66Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 67Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 68Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 69Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 70Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 71Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 72Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 73Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 268 page
background image
www.national.com
70
14.1.6
Port High Drive Strength Register (PxHDRV)
The PxHDRV register is a byte-wide, read/write register that
controls the slew rate of the corresponding pins. The high
drive strength function is enabled when the corresponding
bits of the PxHDRV register are set. In both GPIO and alter-
nate function modes, the drive strength function is enabled
by the PxHDRV registers. At reset, the PxHDRV registers
are cleared, making the ports low speed.
PxHDRV
The PxHDRV bits control whether output pins
are driven with slow or fast slew rate.
0
– Slow slew rate.
1
– Fast slew rate.
14.1.7
Port Alternate Function Select Register
(PxALTS)
The PxALTS register selects which of two alternate func-
tions are selected for the port pin. These bits are ignored
unless the corresponding PxALT bits are set. Each port pin
can be controlled independently.
PxALTS
The PxALTS bits select among two alternate
functions. Table 30 shows the mapping of the
PxALTS bits to the alternate functions. Un-
used PxALTS bits must be clear.
14.2
OPEN-DRAIN OPERATION
A port pin can be configured to operate as an inverting
open-drain output buffer. To do this, the CPU must clear the
bit in the data output register (PxDOUT) and then use the
port direction register (PxDIR) to set the value of the port
pin. With the direction register bit set (direction = out), the
value zero is forced on the pin. With the direction register bit
clear (direction = in), the pin is placed in the TRI-STATE
mode. If desired, the internal weak pull-up can be enabled
to pull the signal high when the output buffer is in TRI-
STATE mode.
7
0
PxHDRV
7
0
PxALTS
Table 30
Alternate Function Select
Port Pin
PxALTS = 0
PxALTS = 1
PE0
UART0 RXD0
Reserved
PE1
UART0 TXD0
Reserved
PE2
UART0 RTS
Reserved
PE3
UART0 CTS
Reserved
PE4
UART0 CKX
TB
PE5
SRFS
NMI
PF0
MSK
TIO1
PF1
MDIDO
TIO2
PF2
MDODI
TIO3
PF3
MWCS
TIO4
PF4
SCK
TIO5
PF5
SFS
TIO6
PF6
STD
TIO7
PF7
SRD
TIO8
PG0
Reserved
Reserved
PG1
Reserved
Reserved
PG2
Reserved
SRCLK
PG3
Reserved
Reserved
PG4
Reserved
Reserved
PG5
Reserved
Reserved
PG6
WUI10
Reserved
PG7
TA
Reserved
PH0
UART1 RXD1
WUI11
PH1
UART1 TXD1
WUI12
PH2
UART2 RXD2
WUI13
PH3
UART2 TXD2
WUI14
PH4
UART3 RXD3
WUI15
PH5
UART3 TXD3
WUI16
PH6
CANRX
WUI17
PH7
CANTX
Reserved
PJ0
WUI18
Reserved
PJ1
WUI19
Reserved
PJ2
WUI20
Reserved
PJ3
WUI21
Reserved
PJ4
WUI22
Reserved
PJ5
WUI23
Reserved
PJ6
WUI24
Reserved
PJ7
ASYNC
WUI9
Table 30
Alternate Function Select
Port Pin
PxALTS = 0
PxALTS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com