Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 4 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 4 Page - Texas Instruments

  PTIOL112DRCR Datasheet HTML 1Page - Texas Instruments PTIOL112DRCR Datasheet HTML 2Page - Texas Instruments PTIOL112DRCR Datasheet HTML 3Page - Texas Instruments PTIOL112DRCR Datasheet HTML 4Page - Texas Instruments PTIOL112DRCR Datasheet HTML 5Page - Texas Instruments PTIOL112DRCR Datasheet HTML 6Page - Texas Instruments PTIOL112DRCR Datasheet HTML 7Page - Texas Instruments PTIOL112DRCR Datasheet HTML 8Page - Texas Instruments PTIOL112DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
L-
CQ
L+
ILIM
_ADJ
L-
VCC_
OUT
WAKE
VSEL
NFAU
LT
RX
TX
EN
1
2
3
A
B
C
D
Figure 5-3. TIOL1123
YAH (DSBGA), 12-Pin
(Top View)
L-
CQ
L+
ILIM
_ADJ
L-
VCC_
IN
WAKE
NC
NFAU
LT
RX
TX
EN
1
2
3
A
B
C
D
Figure 5-4. TIOL112
YAH (DSBGA), 12-Pin
(Top View)
Table 5-2. Pin Functions (DSBGA)
PIN NO
PIN NAME
TYPE
DESCRIPTION
TIOL112
TIOL1123
B3
VCC_IN
VCC_OUT
P
VCC_IN (TIOL112): External 3.3-V or 5-V logic supply input pin. VCC_OUT (TIOL1123): 3.3-V or
5-V linear regulator output
C3
NFAULT
NFAULT
O
Fault indicator output signal to the microcontroller. A low level indicates either an over- current, an
undervoltage supply or an overtemperature condition.
D1
RX
RX
O
Receive data output to the local controller
D2
TX
TX
I
Transmit data input from the local controller. No effect if EN is low. Logic high sets low-side
switch. Logic low sets high-side switch. Weak internal pull-up.
D3
EN
EN
I
Driver enable input signal from the local controller. Logic low sets the CQ output at Hi-Z. Weak
internal pull-down.
B1
ILIM_ADJ
ILIM_ADJ
O
Input for current limit adjustment. Connect resistor RSET between ILIM_ADJ and L-.
A1,
B2
L-
L-
GND
IO-Link ground potential
A2
CQ
CQ
I/O
IO-Link data signal (bidirectional)
A3
L+
L+
P
IO-Link supply voltage (24 V nominal)
C1
NC
VSEL
I
TIOL112 (NC): Leave floating. Do not connect.
TIOL1123 (VSEL): Connect to GND for 5V LDO output. Please leave this pin floating for 3.3V
LDO output. VSEL has an internal pull-up of 1 MΩ
C2
WAKE
WAKE
O
Wake-up indicator to the local controller. Open-drain output, connect this pin via pull-up resistor to
VCC_IN/OUT.
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com