Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 6 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTIOL112DRCR Datasheet HTML 2Page - Texas Instruments PTIOL112DRCR Datasheet HTML 3Page - Texas Instruments PTIOL112DRCR Datasheet HTML 4Page - Texas Instruments PTIOL112DRCR Datasheet HTML 5Page - Texas Instruments PTIOL112DRCR Datasheet HTML 6Page - Texas Instruments PTIOL112DRCR Datasheet HTML 7Page - Texas Instruments PTIOL112DRCR Datasheet HTML 8Page - Texas Instruments PTIOL112DRCR Datasheet HTML 9Page - Texas Instruments PTIOL112DRCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6.5 Thermal Information
THERMAL METRIC(1)
TIOL112,
TIOL1123,
TIOL1125
TIOL112, TIOL1123
UNIT
DRC (10 Pins)
YAH (12 Pins)
RθJA
Junction-to-ambient thermal resistance
45.9
79.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
45.9
0.3
°C/W
RθJB
Junction-to-board thermal resistance
17.9
19.5
°C/W
ψJT
Junction-to-top characterization parameter
0.7
0.1
°C/W
ψJB
Junction-to-board characterization parameter
17.8
19.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.7
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.6 Electrical Characteristics
Over recommended operating conditions and recommended free-air temperature range (unless otherwise noted). Typical
values are at L+ = 24 V, VVCC_IN = 3.3 V, VVCC_OUT = 3.3 V and TA = 25 ℃ unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (L+)
I(L+)
Quiescent supply current
EN = LOW, no load
1
1.5
mA
EN = HIGH, no load
2
2.95
mA
LOGIC-LEVEL INPUTS (EN, TX, VSEL)
VIL
Input logic low voltage
0.8
V
VIH
Input logic high voltage
2
V
RPD
Pull-down (EN) resistance
100
kΩ
RPU
Pull-up (TX) resistance
200
kΩ
RPU
Pull-up (VSEL) resistance
1000
kΩ
CONTROL OUTPUTS (WAKE, NFAULT)
VOL
Output logic low voltage
IO = 4 mA
0.5
V
IOZ
Output high impedance leakage
Output in Hi-Z, VO = 0 V or VCC_IN/OUT
–1
1
µA
DRIVER OUTPUT (CQ)
RDS(ON)
High-side driver on-resistance
2.5
4.5
Ω
VDS(ON)
High-side driver residual voltage
I = 200 mA
0.5
0.9
V
I = 100 mA
0.25
0.5
V
RDS(ON)
Low-side driver on-resistance
2.5
4.5
Ω
VDS(ON)
Low-side driver residual voltage
I = 200 mA
0.5
0.9
V
I = 100 mA
0.25
0.5
V
IOZ(CQ)
CQ leakage
EN = LOW, 0 ≤ V(CQ) ≤ (V(L+) - 0.1 V)
–2
2
µA
ILLM
CQ load discharge current
EN = LOW, RSET = 0 to 5 kΩ (2), V(CQ) >= 5 V
5
15
mA
IO(LIM)
Driver output current limit
RSET = 110 kΩ; V(CQ)= (VL+ - 3) V or 3 V
35
50
70
mA
RSET = 10 kΩ
300
350
400
mA
RSET = 0 to 5 kΩ (2)
V(CQ)= (VL+ - 3) V or 3 V
TJ < T(SDN) or t < 200 µs (3)
500
mA
(Fast-detect mode) RSET = OPEN(1)V(CQ)= (VL+ - 3) V
or 3 V
260
330
400
mA
RECEIVER INPUT (CQ)
V(THH)
Input threshold “H”
V(L+) > 18 V, EN= LOW
10.5
13
V
V(THL)
Input threshold “L"
8
11.5
V
V(HYS)
Receiver Hysteresis
(V(THH) - V(THL))
0.75
V
V(THH)
Input threshold “H”
V(L+) < 18 V, EN= LOW
See Note (4)
See Note (5)
V
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com