Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 5 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 5 Page - Texas Instruments

  PTIOL112DRCR Datasheet HTML 1Page - Texas Instruments PTIOL112DRCR Datasheet HTML 2Page - Texas Instruments PTIOL112DRCR Datasheet HTML 3Page - Texas Instruments PTIOL112DRCR Datasheet HTML 4Page - Texas Instruments PTIOL112DRCR Datasheet HTML 5Page - Texas Instruments PTIOL112DRCR Datasheet HTML 6Page - Texas Instruments PTIOL112DRCR Datasheet HTML 7Page - Texas Instruments PTIOL112DRCR Datasheet HTML 8Page - Texas Instruments PTIOL112DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage
Steady state voltage for L+ and CQ
–65
65
V
Transient pulse width < 100 µs for L+ and CQ
–70
70
V
Voltage difference
|V(L+) – V(CQ)|
65
V
Logic supply voltage (TIOL112)
VCC_IN
–0.3
6
V
Input logic voltage
TX, EN, VSEL
–0.3
min(VCC_IN+
0.3, 6)
V
Output current
RX, WAKE, NFAULT
–5
5
mA
Storage temperature, Tstg
-55
170
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime. All voltages are with reference to the L- pin, unless otherwise specified.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC
JS-001(1)
All pins
±4000
V
V(ESD)
Electrostatic discharge
Charged Device Model (CDM), per ANSI/ESDA/JEDEC
JS-002 (2)
All pins
±750
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 ESD Ratings - IEC Specifications
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 ESD (Contact Discharge), L+, CQ and L- (1) (2)
±8,000
V
Electrostatic discharge
IEC 61000-4-5, 1.2 µs/50 µs Surge with 500 Ω in series, L+, CQ and L- (1)
±1,200
Electrostatic discharge
IEC 61000-4-4 EFT (Fast transient or burst), L+, CQ and L- (1)
±4,000
(1)
Minimum 100-nF capacitor is required between L+ and L-. Minimum 1-µF capacitor is required between VCC_IN/VCC_OUT and L-.
(2)
Passing level is ±4500 V if the device is powered and EN=TX=HIGH.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V(L+)
Supply voltage
7
24
36
V
V(VCC_IN)
Logic level input voltage (TIOL112 only)
3.3 V configuration
3
3.3
3.6
V
5 V configuration
4.5
5
5.5
V
RSET
External resistor for CQ current limit
0
110
kΩ
1/tBIT
Data rate (Communication mode)
250
kbps
I(VCC_OUT)
LDO output current (TIOL112L only)
20
mA
TA
Operating ambient temperature
–40
125
°C
TJ
Junction temperature
150
°C
www.ti.com
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com