Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 7 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTIOL112DRCR Datasheet HTML 3Page - Texas Instruments PTIOL112DRCR Datasheet HTML 4Page - Texas Instruments PTIOL112DRCR Datasheet HTML 5Page - Texas Instruments PTIOL112DRCR Datasheet HTML 6Page - Texas Instruments PTIOL112DRCR Datasheet HTML 7Page - Texas Instruments PTIOL112DRCR Datasheet HTML 8Page - Texas Instruments PTIOL112DRCR Datasheet HTML 9Page - Texas Instruments PTIOL112DRCR Datasheet HTML 10Page - Texas Instruments PTIOL112DRCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
6.6 Electrical Characteristics (continued)
Over recommended operating conditions and recommended free-air temperature range (unless otherwise noted). Typical
values are at L+ = 24 V, VVCC_IN = 3.3 V, VVCC_OUT = 3.3 V and TA = 25 ℃ unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(THL)
Input threshold “L"
V(L+) < 18 V, EN= LOW
See Note (6)
See Note (7)
V
V(HYS)
Receiver Hysteresis
(V(THH) - V(THL))
0.75
V
VOL
RX output low voltage
IOL = 4 mA
0.4
V
VOH
RX output high voltage
IOL = –4 mA
VCC_IN/
OUT–0.5
V
PROTECTION CIRCUITS
V(UVLO)
L+ under voltage lockout
L+ falling; NFAULT = Hi-Z
6
6.3
V
L+ rising; NFAULT = LOW
6.5
6.8
V
V(UVLO,HYS)
L+ under voltage hysteresis
Rising to falling threshold
200
mV
V(UVLO_IN)
VCC_IN under voltage lockout
(No LDO option)
VCC_IN falling; NFAULT = Hi-Z
2.3
V
VCC_IN rising; NFAULT = LOW
2.5
V
V(UVLO,HYS)
VCC_IN under voltage hysteresis
(No LDO option)
Rising to falling threshold
190
mV
T(WRN)
Thermal warning
Die temperature TJ
125
°C
T(SDN)
Thermal shutdown
150
160
°C
T(HYS)
Thermal hysteresis for shutdown
14
°C
T(WRN)
Thermal hysteresis for warning
Die temperature TJ
Die temperature
TJ
14
°C
IREV
Leakage current in reverse
polarity
EN=LOW, TX=x; V(CQ) < V(L-) or V(CQ) > V(L+), up to
|36 V|
60
µA
EN=LOW, TX=x; V(CQ) < V(L-) or V(CQ) > V(L+), up to
|65 V|
110
µA
EN = HIGH, TX = LOW; V(CQ to L+) = 3 V
640
µA
EN = HIGH, TX = HIGH; V(CQ to L-) = -3 V
10
µA
LINEAR REGULATOR (LDO)
V(VCC_OUT)
Voltage regulator output
TIOL1125
4.75
5
5.25
V
TIOL1123
3.13
3.3
3.46
V
V(DROP)
Voltage regulator drop-out voltage
(V(L+) – V(VCC_OUT))
ICC = 20 mA load current
TIOL1125
0.75
1.9
V
TIOL1123
0.75
2.3
V
REG
Line regulation (dV(VCC_OUT)/
dV(L+))
I(VCC_OUT) = 1 mA
1.7
mV/V
LREG
Load regulation (dV(VCC_OUT)/
V(VCC_OUT))
V(L+) = 24 V, I(VCC_OUT) = 100 µA to 20 mA
1%
PSSR
Power Supply Rejection Ratio
100 kHz, I(VCC_OUT) = 20 mA
40
dB
(1)
Current fault indication will be active. Current fault auto recovery will be de-activated.
(2)
Current fault indication and current fault auto recovery will be de-activated.
(3)
If operating continuosly with this current limit, ensure that the current through the device does not cause the TJ to be greater than
T(SDN) for a given ambient temperature and thermal porperty of the system. For pulse durations t < 200 µs, the device can source or
sink current of at least 500 mA across the recommended operating conditions.
(4)
VTHH (min) = 5 V + (11/18) [V(L+) - 8 V]
(5)
VTHH (max) = 6.5 V + (13/18) [V(L+) - 8 V]
(6)
VTHL (min) = 4 V + (8/18) [V(L+) -8 V]
(7)
VTHL (max) = 6 V + (11/18) [V(L+) -8 V]
www.ti.com
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com