Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 19 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 19 Page - Texas Instruments

Back Button PTIOL112DRCR Datasheet HTML 15Page - Texas Instruments PTIOL112DRCR Datasheet HTML 16Page - Texas Instruments PTIOL112DRCR Datasheet HTML 17Page - Texas Instruments PTIOL112DRCR Datasheet HTML 18Page - Texas Instruments PTIOL112DRCR Datasheet HTML 19Page - Texas Instruments PTIOL112DRCR Datasheet HTML 20Page - Texas Instruments PTIOL112DRCR Datasheet HTML 21Page - Texas Instruments PTIOL112DRCR Datasheet HTML 22Page - Texas Instruments PTIOL112DRCR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
8.3.9 Integrated Surge Protection and Transient Waveform Tolerance
The L+ and CQ pins of the device are capable of withstanding up to 1.2 kV of 1.2/50 – 8/20 μs IEC 61000-4-5
surge with a source impedance of 500 Ω. The surge testing should be performed with a minimum 100 nF supply
decoupling capacitor between L+ and L-, and 1 µF between VCC_IN/OUT and L-.
External TVS diodes may be required for higher transient protection levels. The system designer should ensure
that the maximum clamping voltage of the external diodes should be < 65 V at the desired current level. The
device is capable of withstanding up to ±70-V transient pulses < 100 µs.
Decoupling
Network
R
EUT
L+
L-
CQ
> 100 nF
Combination
wave
Generator
1.2/50 – 8/20 µs CWG
R = 500 Ω
Figure 8-6. Surge Test Setup
8.3.10 Power Up Sequence (TIOL112)
VCC_IN and L+ domains can be powered up in any sequence. In the event of L+ is powered and VCC_IN is not,
the CQ pin will remain in high impedance.
8.3.11 Undervoltage Lock-Out (UVLO)
The device enters UVLO if the L+ voltage falls below V(UVLO). (For the device without the integrated LDO, the
device monitors VCC_IN in addition to L+. UVLO happens if either supply falls below the threshold.)
As soon as the supply falls below V(UVLO), NFAULT is pulled low, and the driver (CQ) is disabled (Hi-Z). Receiver
performance is not specified in this mode.
When the supply rises above V(UVLO), NFAULT returns to Hi-Z (given no other fault conditions present). The CQ
output is turned on after t(UVLO) delay.
www.ti.com
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com