Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 14 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTIOL112DRCR Datasheet HTML 10Page - Texas Instruments PTIOL112DRCR Datasheet HTML 11Page - Texas Instruments PTIOL112DRCR Datasheet HTML 12Page - Texas Instruments PTIOL112DRCR Datasheet HTML 13Page - Texas Instruments PTIOL112DRCR Datasheet HTML 14Page - Texas Instruments PTIOL112DRCR Datasheet HTML 15Page - Texas Instruments PTIOL112DRCR Datasheet HTML 16Page - Texas Instruments PTIOL112DRCR Datasheet HTML 17Page - Texas Instruments PTIOL112DRCR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Table 8-1. Current Limit Configuration
ILIM_ADJ Pin Condition
CQ Current Limit
(Min.)
NFAULT Indication During Fault
Output Disable and Auto
Recovery
RSET resistor to L-
(10 kΩ to 110 kΩ)
Variable
(35 mA to 300 mA)
Yes
Yes
Connected to L-
(RSET 0 to 5 kΩ)
500 mA
No
No
OPEN
260 mA
Yes
No
8.3.3 Current Fault Detection, Indication and Auto Recovery
If the output current at CQ exceeds the internally-set current limit IO(LIM) for a duration longer than tSC, the
NFAULT pin is driven logic low to indicate a fault condition. The output is turned off, but the LDO continues to
function. The output periodically retries to check if the output is still in the over current condition. In this mode,
the output is switched on for tSC in tSCEN intervals. Current fault auto recovery mode can be disabled by setting
ILIM_ADJ = OPEN. See Table 8-5. Toggling EN will clear NFAULT.
8.3.4 Thermal Warning, Thermal Shutdown
If the die temperature exceeds T(WRN), the NFAULT flag is held low indicating a potential over temperature
problem. When the TJ exceeds T(SDN), The output is disabled but the LDO remains operational. As soon as the
temperature drops below the temperature threshold (and after T(HYS)), the internal circuit re-enables the driver,
subject to the state of the EN and TX pins.
8.3.5 Fault Reporting (NFAULT)
NFAULT is driven low if either a current fault condition is detected, die temperature has exceeded T(WRN) or
supply has dropped below the UVLO threshold. NFAULT returns to high-impedance as soon as all three fault
conditions clear.
NFAULT = [CUR_OK && PWR_OK && TMP_OK]
T > TWRN
CQ @ ILIM
for tWU1 < t < tWU2
Wake
WAKE = L
CUR_OK = Z
Driver = ON
LDO = ON
Receive
Only
CUR_OK = Z
WAKE = Z
Driver = OFF
LDO = ON
Receive and
Transmit
CUR_OK = Z
WAKE = Z
Driver = ON
LDO = ON
Current
Fault
WAKE = Z
CUR_OK = L
Driver = OFF
LDO=ON
Thermal
Warning
CUR_OK = Z
TMP_OK = L
WAKE = Z
Driver = EN/EN*
LDO = ON
t>t
WUL
EN
*
CQ
@
I
LIM
for
t >
t
SC
EN
*
T >
TWRN
Thermal
Shutdown
CUR_OK = Z
TMP_OK = L
WAKE = Z
Driver = OFF
LDO = ON
T <
TWRN
& EN
Current
Fault Recovery
WAKE = Z
CUR_OK = L
Driver = ON for tsc
LDO=ON
T < TWRN & Current Fault
Receive
Only-Wake
CUR_OK = Z
WAKE = L for tWUL
Driver = OFF
LDO = ON
CQ
pulse
width
tWU1
< t
< t
WU2
Figure 8-3. Device State Diagram
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com