Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 13 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTIOL112DRCR Datasheet HTML 9Page - Texas Instruments PTIOL112DRCR Datasheet HTML 10Page - Texas Instruments PTIOL112DRCR Datasheet HTML 11Page - Texas Instruments PTIOL112DRCR Datasheet HTML 12Page - Texas Instruments PTIOL112DRCR Datasheet HTML 13Page - Texas Instruments PTIOL112DRCR Datasheet HTML 14Page - Texas Instruments PTIOL112DRCR Datasheet HTML 15Page - Texas Instruments PTIOL112DRCR Datasheet HTML 16Page - Texas Instruments PTIOL112DRCR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
VOLTAGE
REGULATOR
DIAGNOSTICS
& CONTROL
ILIM_ADJ
CUR_OK
EN
TX
PWR_OK
L+
CQ
L-
TMP_OK
WAKE
RX
NFAULT
Rev.
Polarity
Protection
Rev. Polarity
Protection
ESD and
Surge
Protection
ESD and
Surge
Protection
VCC_OUT
VSEL (YAH package only)
Figure 8-2. Block Diagram TIOL1123, TIOL1125
8.3 Feature Description
8.3.1 Wake-Up Detection
The TIOL112(x) may be operated in IO-Link mode or Standard Input / Output (SIO) mode. If the device is
in SIO mode and the IO-link master node wants to initiate communication with the device node, the master
drives the CQ line to the opposite of its present state, and will either sink or source the current (≥ 500 mA) for
the wake-up duration (typically 80 μs) depending on the CQ logic level as per the IO-Link specification. The
TIOL112(x) detects this as a wake-up condition and communicates to the local microcontroller via the WAKE pin.
The IO-Link communication specification requires the device node to switch to receive mode within 500 μs after
receiving the wake-up signal.
For overcurrent conditions shorter or longer than a valid wake-up pulse, the WAKE pin remains in a high-
impedance (inactive) state. This is illustrated in Figure 7-5.
If the driver of TIOL112(x) is disabled (EN = L), any change in CQ logic level for duration tWU1 < t < tWU2 is
detected as a wake-up event and WAKE asserts low for the duration of tWUL. This is illustrated in Figure 7-6.
Please refer to Table 8-4 for the summary of the conditions for Wake-Up detection.
8.3.2 Current Limit Configuration
The output current can be configured with an external resistor on ILIM_ADJ pin. The highest current limit setting
with an external resistor of 10 kΩ provides a minimum of 300 mA over the operating temperature and voltage
range.
Output disable due to current fault and current fault auto recovery features can be disabled by floating ILIM_ADJ
pin. However, the current fault indication is still active in this configuration. This feature is useful when driving
large capacitances.
When ILIM_ADJ pin is shorted to ground, the TIOL112(x) is configured to be in the IO-link master mode. In this
mode, the TIOL112(x) can source or sink minimum of 500 mA to generate a wake-up request. In addition, the
TIOL112(x) enables a small current sink of 5 mA (minimum). The current fault indication, output disable, and
auto recovery features are disabled in this mode.
www.ti.com
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com