Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 15 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 15 Page - Texas Instruments

Back Button PTIOL112DRCR Datasheet HTML 11Page - Texas Instruments PTIOL112DRCR Datasheet HTML 12Page - Texas Instruments PTIOL112DRCR Datasheet HTML 13Page - Texas Instruments PTIOL112DRCR Datasheet HTML 14Page - Texas Instruments PTIOL112DRCR Datasheet HTML 15Page - Texas Instruments PTIOL112DRCR Datasheet HTML 16Page - Texas Instruments PTIOL112DRCR Datasheet HTML 17Page - Texas Instruments PTIOL112DRCR Datasheet HTML 18Page - Texas Instruments PTIOL112DRCR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
8.3.6 Transceiver Function Tables
Table 8-2. Driver Function
EN
TX
CQ
COMMENT
L / Open
X
Hi-Z
Device is in ready-to-receive state
H
L
H
CQ is sourcing current (high-side drive)
H
H / Open
L
CQ is sinking current (low-side drive)
Table 8-3. Receiver Function
CQ VOLTAGE
RX
COMMENT
V(CQ) < V(THL)
H
Normal receive mode, input low
V(THL) < V(CQ) < V(THH)
?
Indeterminate output, may be either high or low
V(THH) < V(CQ)
L
Normal receive mode, input high
Open
?
Indeterminate output, may be either high or low
Table 8-4. Wake-Up Function (tWU1 < t < tWU2)
EN
TX
CQ CURRENT
WAKE
COMMENT
L / Open
X
X
Asserts low for
tWUL
Device asserts low for tWUL if RX output changes high-
to-low or low-to-high for tWU1 < t < tWU2
H
H / Open
| I(CQ) | ≥ 500 mA
L
Device receives high-level wake-up request over the
IO-Link bus
H
L
| I(CQ) | ≥ 500 mA
L
Device receives low-level wake-up request over the
IO-Link bus
Table 8-5. Current Limit Indicator Function (t > tSC)
EN
TX
CQ CURRENT
NFAULT
COMMENT
H
H / Open
| I(CQ) | > IO(LIM)
L
CQ current exceeds the set limit for over tSC
| I(CQ) | < IO(LIM)
Z
Normal operation
H
L
| I(CQ) | > IO(LIM)
L
CQ current exceeds the set limit for over tSC
| I(CQ) | < IO(LIM)
Z
Normal operation
L / Open
X
X
Z
Driver is disabled, Current limit indicator is inactive
Note
Current limit indicator function is disabled when ILIM_ADJ is connected to GND (or RSET < 5 kΩ
8.3.7 The Integrated Voltage Regulator (LDO)
The TIOL1123 and TIOL1125 each have an integrated linear voltage regulator (LDO) which can supply power to
external components. The voltage regulator is specified for L+ voltages in the range of 7 V to 36 V with respect
to L-. The LDO is capable of delivering up to 20 mA.
In the DSBGA (YAH) package, TIOL1123 offers pin-configurable LDO output via VSEL pin. When VSEL is
connected to GND, VCC_OUT is configured to provide a 5-V output. When VSEL is left floating, VCC_OUT
provides a 3.3-V output.
Table 8-6. LDO Output Configuration via VSEL pin (YAH Package)
VSEL pin connection
VCC_OUT
Connected to L-
5 V
Floating
3.3 V
www.ti.com
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com