Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 9 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTIOL112DRCR Datasheet HTML 5Page - Texas Instruments PTIOL112DRCR Datasheet HTML 6Page - Texas Instruments PTIOL112DRCR Datasheet HTML 7Page - Texas Instruments PTIOL112DRCR Datasheet HTML 8Page - Texas Instruments PTIOL112DRCR Datasheet HTML 9Page - Texas Instruments PTIOL112DRCR Datasheet HTML 10Page - Texas Instruments PTIOL112DRCR Datasheet HTML 11Page - Texas Instruments PTIOL112DRCR Datasheet HTML 12Page - Texas Instruments PTIOL112DRCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
6.8 Typical Characteristics
L+ Supply Voltage (V)
6
9
12
15
18
21
24
27
30
33
36
39
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
EN=L
EN=H
No Load
TX = Open
TA = 25°C
Figure 6-1. Supply Current vs Supply Voltage
Load Current (mA)
0
25
50
75
100
125
150
175
200
225
250
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
TA = -40 C
TA = 25 C
TA = 125 C
spacer
Figure 6-2. Residual Voltage vs Load Current:
High Side
Load Current (mA)
0
25
50
75
100
125
150
175
200
225
250
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
TA = -40 C
TA = 25 C
TA = 125 C
spacer
Figure 6-3. Residual Voltage vs Load Current:
Low Side
RSET (k)
0
10
20
30
40
50
60
70
80
90
100 110
0
100
200
300
400
500
600
700
800
For RSET below 5 k, TIOL112(x) can
generate wake-up pulse and
enables CQ load discharge current (ILLM)
High-side
Low-side
For RSET in the 0-5 kΩ range, TIOL112(x) can source/sink
500 mA required for wake-up pulse generation in IO-link
applications. For RSET in the 0-5 kΩ range, TIOL112(x) also
activates a pull-down current source (ILLM) when the driver is
disabled.
TA = 25°C
Figure 6-4. Current Limit vs RSET
L+ (V)
7
11
15
19
23
27
31
35
4
5
6
7
8
9
10
11
12
13
14
VTHH
VTHL
TA = 25°C
Figure 6-5. Receiver Threshold Boundaries
RSET (k)
0
10
20
30
40
50
60
70
80
90
100 110
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
TIOL112
TIOL111
TA = 25°C
Figure 6-6. Current limit vs RSET:
TIOL112(x) vs TIOL111(x)
www.ti.com
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com