Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 1 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 1 Page - Texas Instruments

  PTIOL112DRCR Datasheet HTML 1Page - Texas Instruments PTIOL112DRCR Datasheet HTML 2Page - Texas Instruments PTIOL112DRCR Datasheet HTML 3Page - Texas Instruments PTIOL112DRCR Datasheet HTML 4Page - Texas Instruments PTIOL112DRCR Datasheet HTML 5Page - Texas Instruments PTIOL112DRCR Datasheet HTML 6Page - Texas Instruments PTIOL112DRCR Datasheet HTML 7Page - Texas Instruments PTIOL112DRCR Datasheet HTML 8Page - Texas Instruments PTIOL112DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and
Integrated Surge Protection in Small Packages
1 Features
• 7-V to 36-V supply voltage
• PNP, NPN or IO-Link configurable output
– IEC 61131-9 COM1, COM2 and COM3 Data
Rate Support
• Functional safety-capable
– Documentation available to aid in functional
safety system design
• Pin-compatible with TIOL111(x) with improved
performance
– Low residual Voltage of 0.5 V (typical) at
200 mA
– Active driver current limiting capability
– Improved thermal performance of the package
– Slower driver slew rates to reduce overshoots:
maximum of 750 ns
• Integrated protection features for robust systems
– Configurable driver overcurrent limit:
50 mA to 350 mA
– Active reverse polarity protection of up to 65 V
on L+, CQ and L-
– Fault indicator for overcurrent, overtemperature
and UVLO faults
– Safe and fast demagnetization of inductive
loads
– Extended ambient temperature operation:
–40°C to 125°C
• Integrated EMC protection on L+ and CQ
– ±8 kV IEC 61000-4-2 ESD contact discharge
– ±4 kV IEC 61000-4-4 electrical fast transient
– ±1.2 kV/500 Ω IEC 61000-4-5 surge
• Large capacitive load driving capability
• < 2-µA CQ leakage current
• < 1.5-mA quiescent supply current
• Integrated LDO options for up to 20 mA current
– TIOL1123: 3.3-V LDO
– TIOL1125: 5-V LDO
• Remote wake-up indication and wake-up
generation
• Small space-saving package options
– 3 mm x 3 mm 10-pin VSON package:
pin-compatible with TIOL111
– 2.45 mm x 1.7 mm BGA package
2 Applications
• Field Transmitters and actuators
• Factory automation
• Process automation
• IO-link PHY in remote IO
3 Description
The TIOL112(x) family of transceivers implements the
IO-Link interface for industrial bidirectional, point-to-
point communication. When the device is connected
to an IO-Link master through a three-wire interface,
the master can initiate communication and exchange
data with the remote node while the TIOL112(x) acts
as a complete physical layer for the communication.
These devices are capable of withstanding up to
1.2 kV (500 Ω) of IEC 61000-4-5 surge and feature
integrated reverse polarity protection. A simple pin-
programmable interface allows easy interfacing with
the controller circuits. The output current limit can
be configured using an external resistor. TIOL112(x)
can be configured to generate wake-up pulse and be
used in IO-link master applications. Fault reporting
and internal protection functions are provided
for undervoltage, overcurrent and overtemperature
conditions.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
TIOL112(2)
VSON (10)
3.00 mm x 3.00 mm
TIOL1123
TIOL1125(2)
TIOL112
DSBGA (12)(2)
2.45 mm x 1.70 mm
TIOL1123
(1)
For all available devices, see the orderable addendum at the
end of the data sheet.
(2)
Advanced Information
1 µF
10 V
Microcontroller
0.1 µF
100 V
10 k
10 k
Sensor
Front-End
IO-Link Master
PHY
VOLTAGE
REGULATOR
DIAGNOSTICS
& CONTROL
ILIM_ADJ
CUR_OK
EN
TX
PWR_OK
L+
CQ
L-
TMP_OK
WAKE
RX
NFAULT
Rev.
Polarity
Protection
Rev. Polarity
Protection
ESD and
Surge
Protection
ESD and
Surge
Protection
VCC_OUT
Typical Application Diagram
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - PTIOL112DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTIOL221RGER TI-PTIOL221RGER Datasheet
1Mb / 54P
TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
SEPTEMBER 2024
PTIOL221RGER TI-PTIOL221RGER Datasheet
1Mb / 58P
TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
DECEMBER 2024
More results

Similar Description - PTIOL112DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOL111 TI1-TIOL111 Datasheet
1Mb / 30P
IO-Link Device Transceivers with Integrated Surge Protection
logo
Maxim Integrated Produc...
MAX14828 MAXIM-MAX14828 Datasheet
1Mb / 39P
Low-Power, Ultra-Small IO-Link Device Transceiver
Rev 0; 6/17
logo
Texas Instruments
TIOL111 TI1-TIOL111_19 Datasheet
1Mb / 33P
IO-Link Device Transceivers with Integrated Surge Protection
TIOS102 TI-TIOS102 Datasheet
1Mb / 33P
TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
FEBRUARY 2022
logo
Maxim Integrated Produc...
MAX22515 MAXIM-MAX22515 Datasheet
608Kb / 37P
IO-Link Transceiver with Integrated Protection
2021
logo
Texas Instruments
TIOL112 TI-TIOL112_V01 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
APRIL 2022
TIOS102 TI-TIOS102_V01 Datasheet
1Mb / 34P
TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
REVISED DECEMBER 2022
TIOL112 TI-TIOL112_V02 Datasheet
2Mb / 35P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED DECEMBER 2022
TIOL112 TI-TIOL112_V03 Datasheet
2Mb / 38P
TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED MARCH 2023
TIOS102 TI-TIOS102_V02 Datasheet
2Mb / 36P
TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com