Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 8 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTIOL112DRCR Datasheet HTML 4Page - Texas Instruments PTIOL112DRCR Datasheet HTML 5Page - Texas Instruments PTIOL112DRCR Datasheet HTML 6Page - Texas Instruments PTIOL112DRCR Datasheet HTML 7Page - Texas Instruments PTIOL112DRCR Datasheet HTML 8Page - Texas Instruments PTIOL112DRCR Datasheet HTML 9Page - Texas Instruments PTIOL112DRCR Datasheet HTML 10Page - Texas Instruments PTIOL112DRCR Datasheet HTML 11Page - Texas Instruments PTIOL112DRCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
6.7 Switching Characteristics
Over recommended operating conditions and recommended free-air temperature range (unless otherwise noted). Typical
values are at L+ = 24 V, VVCC_IN = 3.3 V, VVCC_OUT = 3.3 V and TA = 25 ℃ unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER
tPLH, tPHL
Driver propagation delay
See Figure 7-1
See Figure 7-2
See Figure 7-3
RL = 2 kΩ
CL = 5 nF
R(SET) = 10 kΩ
600
1200
ns
tP(skew)
Driver propagation delay skew.
|tPLH - tPHL |
75
ns
tPZH, tPZL
Driver enable delay
4
µs
tPHZ, tPLZ
Driver disable delay
4
µs
tr, tf
Driver output rise, fall time
200
700
ns
|tr – tf|
Difference in rise and fall time
50
ns
tWU1
Wake-up recognition begin
See Figure 7-5
45
60
75
µs
tWU2
Wake-up recognition end
85
100
145
µs
tpWAKE
Wake-up output delay
150
µs
tSC
Current fault blanking time
175
200
µs
tpSC
Current fault indication delay
280
µs
tWUL
Wake output pulse duration on
wake detection in EN=L mode
See Figure 7-6
175
225
285
µs
tSCEN
Current fault driver re-enable
wait time
15
ms
t(UVLO)
CQ re-enable delay after UVLO
(1)
V(UVLO) rising threshold crossing time to
CQ enable time
10
30
50
ms
RECEIVER
tND
Noise suppression time (2)
250
ns
tPLH, tPHL
Receiver propagation delay
See Figure 7-4 15-pF load on RX,
150
300
ns
(1)
CQ output remains Hi-Z for this time
(2)
Noise suppression time is defined as the permissible duration of a receive signal above/below the detection threshold without detection
taking place.
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com