Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 10 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTIOL112DRCR Datasheet HTML 6Page - Texas Instruments PTIOL112DRCR Datasheet HTML 7Page - Texas Instruments PTIOL112DRCR Datasheet HTML 8Page - Texas Instruments PTIOL112DRCR Datasheet HTML 9Page - Texas Instruments PTIOL112DRCR Datasheet HTML 10Page - Texas Instruments PTIOL112DRCR Datasheet HTML 11Page - Texas Instruments PTIOL112DRCR Datasheet HTML 12Page - Texas Instruments PTIOL112DRCR Datasheet HTML 13Page - Texas Instruments PTIOL112DRCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
7 Parameter Measurement Information
CQ
TX
EN
RL
CL
RL
L+
Copyright © 2016, Texas Instruments Incorporated
Figure 7-1. Test Circuit for Driver Switching
tr
tf
VOH
VOL
80%
20%
80%
20%
TX
CQ
50%
50%
tPHL
tPLH
VOL
VOH
VOL
CQ
VOH
CQ
Figure 7-2. Waveforms for Driver Output Switching Measurements
EN
CQ
50%
50%
tPZL
tPLZ
20%
EN
CQ
50%
50%
tPZH
tPHZ
80%
V(L+) / 2
VOH
TX = LOW
TX = HIGH
VOL
V(L+) / 2
Figure 7-3. Waveforms for Driver Enable or Disable Time Measurements
CQ
RX
50%
50%
tPLH
tPHL
Figure 7-4. Receiver Switching Measurements
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com