Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 24 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 24 Page - Texas Instruments

Back Button PTIOL112DRCR Datasheet HTML 20Page - Texas Instruments PTIOL112DRCR Datasheet HTML 21Page - Texas Instruments PTIOL112DRCR Datasheet HTML 22Page - Texas Instruments PTIOL112DRCR Datasheet HTML 23Page - Texas Instruments PTIOL112DRCR Datasheet HTML 24Page - Texas Instruments PTIOL112DRCR Datasheet HTML 25Page - Texas Instruments PTIOL112DRCR Datasheet HTML 26Page - Texas Instruments PTIOL112DRCR Datasheet HTML 27Page - Texas Instruments PTIOL112DRCR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
9.2.3 Application Curves
Time 10 ms/div
Figure 9-4. CQ in Current Fault Auto Recovery,
Low Side Mode
Time 10 ms/div
Figure 9-5. CQ in Current Fault Auto Recovery,
High Side Mode
NFAULT is indicated for the duration of charging and discharging of the capacitor but driver is not disabled when ILIM_ADJ is floating
L+ = 24 V
CL = 20 µF RL = 100 Ω
RSET = 1 MΩ (ILIM_ADJ Floating)
TA = 25 °C
Figure 9-6. CQ Driving Capacitive Load, Push-Pull Mode
10 Power Supply Recommendations
The TIOL112 and TIOL112x transceivers are designed to operate from a 24-V nominal supply at L+, which can
vary by +12 V and -17 V from the nominal value to remain within the device's recommended supply voltage
range of 7 V to 36 V. This supply should be buffered with at least a 100-nF/100-V capacitor.
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com