Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 20 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 20 Page - Texas Instruments

Back Button PTIOL112DRCR Datasheet HTML 16Page - Texas Instruments PTIOL112DRCR Datasheet HTML 17Page - Texas Instruments PTIOL112DRCR Datasheet HTML 18Page - Texas Instruments PTIOL112DRCR Datasheet HTML 19Page - Texas Instruments PTIOL112DRCR Datasheet HTML 20Page - Texas Instruments PTIOL112DRCR Datasheet HTML 21Page - Texas Instruments PTIOL112DRCR Datasheet HTML 22Page - Texas Instruments PTIOL112DRCR Datasheet HTML 23Page - Texas Instruments PTIOL112DRCR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
8.4 Device Functional Modes
These devices can operate in three different modes.
8.4.1 NPN Configuration (N-Switch SIO Mode)
Set TX pin high (or open) and use EN pin as control for realizing the function of an N-switch (low-side
configuration) on CQ.
8.4.2 PNP Configuration (P-Switch SIO Mode)
Set TX pin low and use EN pin as control for realizing the function of a P-switch (high-side configuration) on CQ.
8.4.3 Push-Pull, Communication Mode
Set EN pin high and toggle TX as control for realizing the function of a push-pull output on CQ. Table 8-7, Table
8-8 and Table 8-9 summarize the pin configurations to accomplish the functional modes.
Table 8-7. NPN Mode
EN
TX
CQ
L / Open
H / Open
Hi-Z
H
H / Open
N-Switch
Table 8-8. PNP Mode
EN
TX
CQ
L / Open
L
Hi-Z
H
L
P-Switch
Table 8-9. Push-Pull, Communication Mode
EN
TX
CQ
L / Open
X
Hi-Z
H
H
N-Switch
H
L
P-Switch
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com