Electronic Components Datasheet Search
  English  ▼

X  

PTIOL112DRCR Datasheet(PDF) 12 Page - Texas Instruments

Part # PTIOL112DRCR
Description  TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL112DRCR Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTIOL112DRCR Datasheet HTML 8Page - Texas Instruments PTIOL112DRCR Datasheet HTML 9Page - Texas Instruments PTIOL112DRCR Datasheet HTML 10Page - Texas Instruments PTIOL112DRCR Datasheet HTML 11Page - Texas Instruments PTIOL112DRCR Datasheet HTML 12Page - Texas Instruments PTIOL112DRCR Datasheet HTML 13Page - Texas Instruments PTIOL112DRCR Datasheet HTML 14Page - Texas Instruments PTIOL112DRCR Datasheet HTML 15Page - Texas Instruments PTIOL112DRCR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
8 Detailed Description
8.1 Overview
Figure 8-1 shows that the TIOL112 or TIOL112x driver output (CQ) can be used in either push-pull, high-side,
or low-side configuration using the enable (EN) and transmit data (TX) input pins. The internal receiver converts
the 24-V signal on the CQ line to standard logic levels on the receive data (RX) pin. A simple parallel interface is
used to receive/transmit data and status information between the device and the local controller.
These devices have integrated IEC 61000-4-4/5 EFT and surge protection. In addition, tolerance to ±70-V
transients enables flexibility to choose from a wider range of TVS diodes if an application requires higher levels
of protection. These integrated robustness features will simplify the system level design by reducing external
protection circuitry.
TIOL112 or TIOL112x transceivers implement protection features for overcurrent, overvoltage and over-
temperature conditions. The devices also provide a current-limit setting of the driver output current using an
external resistor.
The devices derive the low-voltage supply from the IO-Link L+ voltage (24 V nominal) via an internal linear
regulator to provide power to the local controller and sensor circuitry.
8.2 Functional Block Diagrams
DIAGNOSTICS
& CONTROL
ILIM_ADJ
CUR_OK
EN
TX
PWR_OK
L+
CQ
L-
TMP_OK
WAKE
RX
NFAULT
Rev.
Polarity
Protection
Rev. Polarity
Protection
ESD and
Surge
Protection
ESD and
Surge
Protection
VCC_IN
Figure 8-1. Block Diagram TIOL112
TIOL112, TIOL1123, TIOL1125
SLLSFJ1 – FEBRUARY 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TIOL112 TIOL1123 TIOL1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com