Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 39 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 35Page - Texas Instruments MCT8316Z Datasheet HTML 36Page - Texas Instruments MCT8316Z Datasheet HTML 37Page - Texas Instruments MCT8316Z Datasheet HTML 38Page - Texas Instruments MCT8316Z Datasheet HTML 39Page - Texas Instruments MCT8316Z Datasheet HTML 40Page - Texas Instruments MCT8316Z Datasheet HTML 41Page - Texas Instruments MCT8316Z Datasheet HTML 42Page - Texas Instruments MCT8316Z Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
8.3.11 Active Demagnetization
MCT8316Z-Q1 family of devices has smart rectification features (active demagnetization) which decreases
power losses in the device by reducing diode conduction losses. When this feature is enabled, the device
automatically turns ON the corresponding MOSFET whenever it detects diode conduction. This feature can be
configured with the MODE pins in hardware variants. In SPI device variants this can be configured through
EN_ASR and EN_AAR bits. The smart rectification is classified into two categories of automatic synchronous
rectification (ASR) mode and automatic asynchronous rectification (AAR) mode which are described in sections
below.
Note
In SPI device variants both bits, EN_ASR and EN_AAR needs to set to 1 to enable active
demagnetization.
The MCT8316Z-Q1 device includes a high-side (AD_HS) and low-side (AD_LS) comparator which detects the
negative flow of current in the device on each half-bridge. The AD_HS comparator compares the sense-FET
output with the supply voltage (VM) threshold, whereas the AD_LS comparator compares with the ground (0-V)
threshold. Depending upon the flow of current from OUTx to VM or PGND to OUTx, the AD_HS or the AD_LS
comparator trips. This comparator provides a reference point for the operation of active demagnetization feature.
VM
PGND
OUTX
Sense
FET
GAIN
SOX
VREF
I/V Converter
Sense
FET
+
-
0V (GND)
+
-
VM
AD_HS
Comparator
AD_LS
Comparator
(To Digital)
(To Digital)
Figure 8-29. Active Demagnetization Operation
Table 8-7 shows the configuration of ASR and AAR mode in theMCT8316Z-Q1 device.
Table 8-7. PWM_MODE Configuration
MODE Type
MODE Pin
(Hardware Variant)
ASR and AAR
configuration
Hall Configuration
Modulation
ASR and AAR Mode
Mode 1
Connected to AGND
EN_ASR = 0,
EN_AAR = 0
Analog Hall Input
Asynchronous
ASR and AAR
Disabled
Mode 2
Connected to AGND
with RMODE1
EN_ASR = 0,
EN_AAR = 0
Digital Hall Input
Asynchronous
ASR and AAR
Disabled
Mode 3
Connected to AGND
with RMODE2
EN_ASR = 0,
EN_AAR = 0
Analog Hall Input
Synchronous
ASR and AAR
Disabled
Mode 4
Hi-Z
EN_ASR = 0,
EN_AAR = 0
Digital Hall Input
Synchronous
ASR and AAR
Disabled
Mode 5
Connected to AVDD
with RMODE2
EN_ASR = 1,
EN_AAR = 1
Analog Hall Input
Synchronous
ASR and AAR
Enabled
www.ti.com
MCT8316Z-Q1
SLVSGO3 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: MCT8316Z-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com