Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 48 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 44Page - Texas Instruments MCT8316Z Datasheet HTML 45Page - Texas Instruments MCT8316Z Datasheet HTML 46Page - Texas Instruments MCT8316Z Datasheet HTML 47Page - Texas Instruments MCT8316Z Datasheet HTML 48Page - Texas Instruments MCT8316Z Datasheet HTML 49Page - Texas Instruments MCT8316Z Datasheet HTML 50Page - Texas Instruments MCT8316Z Datasheet HTML 51Page - Texas Instruments MCT8316Z Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
8.3.12.1 Cycle by Cycle Current Limit with 100% Duty Cycle Input
In case of 100% duty cycle applied on PWM input, there is no edge available to turn high-side FET back on. To
overcome this problem, MCT8316Z-Q1 has built in internal PWM clock which is used to turn high-side FET back
on once it is disabled after exceeding ILIMIT threshold. In SPI variant MCT8316Z-Q1, this internal PWM clock can
be configured to either 20 kHz or 40 kHz through PWM_100_DUTY_SEL. In H/W variant MCT8316Z-Q1 PWM
internal clock is set to 20 kHz. Figure 8-38 shows operation with 100 % duty cycle.
PWM
ILIMIT
OUTx
Bridge Operating in
Brake Mode
Time
Internal
PWM
Figure 8-38. Cycle-by-Cycle Current-Limit Operation with 100% PWM Duty Cycle
MCT8316Z-Q1
SLVSGO3 – DECEMBER 2021
www.ti.com
48
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MCT8316Z-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com