Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 97 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 92Page - Texas Instruments MCT8316Z Datasheet HTML 93Page - Texas Instruments MCT8316Z Datasheet HTML 94Page - Texas Instruments MCT8316Z Datasheet HTML 95Page - Texas Instruments MCT8316Z Datasheet HTML 96Page - Texas Instruments MCT8316Z Datasheet HTML 97Page - Texas Instruments MCT8316Z Datasheet HTML 98Page - Texas Instruments MCT8316Z Datasheet HTML 99Page - Texas Instruments MCT8316Z Datasheet HTML 100Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4225901/A 05/2020
www.ti.com
VQFN - 1 mm max height
PLASTIC QUAD FLATPACK- NO LEAD
RGF0040F
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
5.1
4.9
7.1
6.9
1 MAX
0.05
0.00
C
SEATING PLANE
3.7±0.1
3.5
5.5
36X 0.5
5.7±0.1
40X 0.5
0.3
40X 0.3
0.2
1
12
13
20
21
32
33
40
41
PIN 1 INDEX AREA
(0.2) TYP
(0.16)
0.100 MIN
(0.130)
SECTION A-A
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com