Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 84 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 80Page - Texas Instruments MCT8316Z Datasheet HTML 81Page - Texas Instruments MCT8316Z Datasheet HTML 82Page - Texas Instruments MCT8316Z Datasheet HTML 83Page - Texas Instruments MCT8316Z Datasheet HTML 84Page - Texas Instruments MCT8316Z Datasheet HTML 85Page - Texas Instruments MCT8316Z Datasheet HTML 86Page - Texas Instruments MCT8316Z Datasheet HTML 87Page - Texas Instruments MCT8316Z Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 100 page
background image
9.3.1.1.3 Using Delay Compensation
Differences in delays of dead time and propagation delay can cause mismatch in the output timings of PWMs,
which can lead to duty cycle distortion. In order to accommodate differences in propagation delay between
various input conditions, the MCT8316Z-Q1 integrates a Delay Compensation feature.
Delay Compensation is used to match delay times for currents going into and out of phase by adding a variable
delay time (tvar) to match a preset target delay time. This delay time is configurable in SPI devices, and it is
recommended in the datasheets to choose a target delay time that is equal to the propagation delay time plus
the driver dead time (tpd + tdead).
For an example of Delay Compensation implementation, please visit the Delay and Dead Time in Integrated
MOSFET Drivers application note.
9.3.1.1.4 Using the Buck Regulator
In the MCT8316Z-Q1, the buck regulator components must be populated whether the buck is used or unused.
If unused, Resistor Mode should be configured by placing a small value resistor of 22-ohm for RBK and a 6.3-V
rated, 22-uF capacitor for CBK to minimize board space and reduce component cost. To disable the buck
regulator, set the BUCK_DIS in the SPI variant. The buck cannot be disabled in the Hardware variant.
If the buck regulator is used, either the Inductor or Resistor Mode can be selected. Inductor Mode allows a
22-uH or 47-uH inductor be used for LBK. CBK is recommended to be 22-uF. Ensure an appropriate inductor is
chosen to allow for maximum peak saturation current at a 20% inductance drop since the buck can supply up to
600-mA external current.
Resistor Mode allows for power to be dissipated in an external resistor if the load requirement is less than
40-mA. Ensure the resistor is rated for the power dissipation required at worst case VM voltage dropout. See
Equation 5, Equation 6, and Equation 7 to calculate the resistor power rating required for a 24-V rated system,
3.3V buck output voltage, and 20-mA load current.
PRBK> VM−VBK ×IBK
(5)
PRBK> 24V−3.3V ×20mA
(6)
PR_BK>0.434W
(7)
9.3.1.1.5 Power Dissipation and Junction Temperature Losses
To calculate the junction temperature of the MCT8316Z-Q1 from power losses, use Equation 8. Note that the
thermal resistance θJA depends on PCB configurations such as the ambient temperature, numbers of PCB
layers, copper thickness on top and bottom layers, and the PCB area.
TJ℃ =PlossW × θJA℃W +TA℃
(8)
MCT8316Z-Q1
SLVSGO3 – DECEMBER 2021
www.ti.com
84
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MCT8316Z-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com