Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 83 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 79Page - Texas Instruments MCT8316Z Datasheet HTML 80Page - Texas Instruments MCT8316Z Datasheet HTML 81Page - Texas Instruments MCT8316Z Datasheet HTML 82Page - Texas Instruments MCT8316Z Datasheet HTML 83Page - Texas Instruments MCT8316Z Datasheet HTML 84Page - Texas Instruments MCT8316Z Datasheet HTML 85Page - Texas Instruments MCT8316Z Datasheet HTML 86Page - Texas Instruments MCT8316Z Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
Figure 9-7. Active demagnetization disabled in MCT8316Z-Q1
When active demagnetization is enabled, the AD_HS and AD_LS comparators detect when the sense FET
voltage is higher or lower than the programmed threshold. After the dead time period, if the threshold is
exceeded for a fixed amount of time, the body diode is conducting and the logic core turns the low-side FET
on to provide a conduction path with smaller power losses. Once the VDS voltage is below the comparator
threshold, the MOSFET turns off and current briefly conducts through the body diode until the current completely
decays to zero. This is shown in Figure 9-8.
Figure 9-8. Active demagnetization enabled in MCT8316Z-Q1
www.ti.com
MCT8316Z-Q1
SLVSGO3 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: MCT8316Z-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com