Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 10 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 6Page - Texas Instruments MCT8316Z Datasheet HTML 7Page - Texas Instruments MCT8316Z Datasheet HTML 8Page - Texas Instruments MCT8316Z Datasheet HTML 9Page - Texas Instruments MCT8316Z Datasheet HTML 10Page - Texas Instruments MCT8316Z Datasheet HTML 11Page - Texas Instruments MCT8316Z Datasheet HTML 12Page - Texas Instruments MCT8316Z Datasheet HTML 13Page - Texas Instruments MCT8316Z Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 35 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 24 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VBK
Buck regulator average voltage
(LBK = 22 µH, CBK = 22 µF)
(HW Device)
VVM > 6 V, 0 mA ≤ IBK ≤ 50 mA,
VSEL_BK pin tied to AGND
3.1
3.3
3.5
V
VVM > 6 V, 0 mA ≤ IBK ≤ 50
mA, VSEL_BK pin to Hi-Z
4.6
5.0
5.4
V
VVM > 6 V, 0 mA ≤ IBK ≤ 50
mA, VSEL_BK pin to 47 kΩ +/- 5% tied
to AVDD
3.7
4.0
4.3
V
VVM > 6.7 V, 0 mA ≤ IBK ≤ 50 mA,
VSEL_BK pin tied to AVDD
5.2
5.7
6.2
V
VVM < 6.0 V, 0 mA ≤ IBK ≤ 50 mA
VVM–
IBK*(RLBK+
2)(1)
V
VBK
Buck regulator average voltage
(RBK = 22 Ω, CBK = 22 µF)
(HW Device)
VVM > 6 V, 0 mA ≤ IBK ≤ 40 mA,
VSEL_BK pin tied to AGND
3.1
3.3
3.5
V
VVM > 6 V, 0 mA ≤ IBK ≤ 40
mA, VSEL_BK pin to Hi-Z
4.6
5.0
5.4
V
VVM > 6 V, 0 mA ≤ IBK ≤ 40
mA, VSEL_BK pin to 47 kΩ +/- 5% tied
to AVDD
3.7
4.0
4.3
V
VVM > 6.7 V, 0 mA ≤ IBK ≤ 40 mA,
VSEL_BK pin tied to AVDD
5.2
5.7
6.2
V
VVM < 6.0 V, 0 mA ≤ IBK ≤ 40 mA
VVM–
IBK*(RBK+2
)(1)
V
VBK_RIP
Buck regulator ripple voltage
VVM > 6 V, 0 mA ≤ IBK ≤ 200 mA, Buck
regulator with inductor, LBK = 47 uH, CBK
= 22 µF
–100
100
mV
VVM > 6 V, 0 mA ≤ IBK ≤ 50 mA, Buck
regulator with inductor, LBK = 22 uH, CBK
= 22 µF
–100
100
mV
VVM > 6 V, 0 mA ≤ IBK ≤ 50 mA, Buck
regulator with resistor; RBK = 22 Ω, CBK
= 22 µF
–100
100
mV
IBK
External buck regulator load
LBK = 47 uH, CBK = 22 µF,
BUCK_PS_DIS = 1b
200
mA
LBK = 47 uH, CBK = 22 µF,
BUCK_PS_DIS = 0b
200 –
IAVDD
mA
LBK = 22 uH, CBK =
22 µF, BUCK_PS_DIS = 1b
50
mA
LBK = 22 uH, CBK = 22 µF,
BUCK_PS_DIS = 0b
50 –
IAVDD
mA
RBK = 22 Ω, CBK =
22 µF, BUCK_PS_DIS = 1b
40
mA
RBK = 22 Ω, CBK = 22 µF,
BUCK_PS_DIS = 0b
40 –
IAVDD
mA
fSW_BK
Buck regulator switching frequency
Regulation Mode
20
535
kHz
Linear Mode
20
535
kHz
MCT8316Z-Q1
SLVSGO3 – DECEMBER 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MCT8316Z-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com