Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 63 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 59Page - Texas Instruments MCT8316Z Datasheet HTML 60Page - Texas Instruments MCT8316Z Datasheet HTML 61Page - Texas Instruments MCT8316Z Datasheet HTML 62Page - Texas Instruments MCT8316Z Datasheet HTML 63Page - Texas Instruments MCT8316Z Datasheet HTML 64Page - Texas Instruments MCT8316Z Datasheet HTML 65Page - Texas Instruments MCT8316Z Datasheet HTML 66Page - Texas Instruments MCT8316Z Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
8.6.1.1 IC_Status_Register Register (Offset = 0h) [Reset = 00h]
IC_Status_Register is shown in IC_Status_Register Register and described in IC_Status_Register Register Field
Descriptions.
Return to the STATUS Registers.
Figure 8-49. IC_Status_Register Register
7
6
5
4
3
2
1
0
MTR_LOCK
BK_FLT
SPI_FLT
OCP
NPOR
OVP
OT
FAULT
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
Table 8-13. IC_Status_Register Register Field Descriptions
Bit
Field
Type
Reset
Description
7
MTR_LOCK
R
0h
Motor Lock Staus Bit
0h = No motor lock is detected
1h = Motor lock is detected
6
BK_FLT
R
0h
Buck Fault Bit
0h = No buck regulator fault condition is detected
1h = Buck regulator fault condition is detected
5
SPI_FLT
R
0h
SPI Fault Bit
0h = No SPI fault condition is detected
1h = SPI Fault condition is detected
4
OCP
R
0h
Over Current Protection Status Bit
0h = No overcurrent condition is detected
1h = Overcurrent condition is detected
3
NPOR
R
0h
Supply Power On Reset Bit
0h = Power on reset condition is detected on VM
1h = No power-on-reset condition is detected on VM
2
OVP
R
0h
Supply Overvoltage Protection Status Bit
0h = No overvoltage condition is detected on VM
1h = Overvoltage condition is detected on VM
1
OT
R
0h
Overtemperature Fault Status Bit
0h = No overtemperature warning / shutdown is detected
1h = Overtemperature warning / shutdown is detected
0
FAULT
R
0h
Device Fault Bit
0h = No fault condition is detected
1h = Fault condition is detected
www.ti.com
MCT8316Z-Q1
SLVSGO3 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: MCT8316Z-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com