Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 28 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 24Page - Texas Instruments MCT8316Z Datasheet HTML 25Page - Texas Instruments MCT8316Z Datasheet HTML 26Page - Texas Instruments MCT8316Z Datasheet HTML 27Page - Texas Instruments MCT8316Z Datasheet HTML 28Page - Texas Instruments MCT8316Z Datasheet HTML 29Page - Texas Instruments MCT8316Z Datasheet HTML 30Page - Texas Instruments MCT8316Z Datasheet HTML 31Page - Texas Instruments MCT8316Z Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 100 page
background image
8.3.4.3 Buck Regulator with External LDO
The buck regulator also supports the voltage requirement to fed to external LDO to generate standard 3.3 V or
5.0 V output rail with higher accuracies. The buck output voltage should be configured to 4 V or 5.5 V to provide
for a extra headroom to support the external LDO for generating 3.3 V or 5 V rail as shown in Figure 8-11.
This allows for a lower-voltage LDO design to save cost and better thermal management due to low drop-out
voltage.
LBK
SW_BK
GND_BK
VM
Control
CBK
VBK
(4V / 5.7V)
VM
FB_BK
3.3V / 5V
LDO
VIN
GND
VLDO
CLDO
GND
Ext. Load
VLDO
(3.3V / 5V)
External LDO
Figure 8-11. Buck Regulator with External LDO
8.3.4.4 AVDD Power Sequencing on Buck Regulator
The AVDD LDO has an option of using the power supply from mixed mode buck regulator to reduce power
dissipation internally. The power sequencing mode allows on-the-fly changeover of LDO power supply from DC
mains (VM) to buck output (VBK) as shown in Figure 8-12. This sequencing can be configured through the
BUCK_PS_DIS bit . Power sequencing is supported only when buck output voltage is set to 5.0 V or 5.7 V.
MCT8316Z-Q1
SLVSGO3 – DECEMBER 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MCT8316Z-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com