Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 11 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 7Page - Texas Instruments MCT8316Z Datasheet HTML 8Page - Texas Instruments MCT8316Z Datasheet HTML 9Page - Texas Instruments MCT8316Z Datasheet HTML 10Page - Texas Instruments MCT8316Z Datasheet HTML 11Page - Texas Instruments MCT8316Z Datasheet HTML 12Page - Texas Instruments MCT8316Z Datasheet HTML 13Page - Texas Instruments MCT8316Z Datasheet HTML 14Page - Texas Instruments MCT8316Z Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 35 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 24 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VBK_UV
Buck regulator undervoltage lockout
(SPI Device)
VBK rising, BUCK_SEL = 00b
2.7
2.8
2.9
V
VBK falling, BUCK_SEL = 00b
2.5
2.6
2.7
V
VBK rising, BUCK_SEL = 01b
4.2
4.4
4.55
V
VBK falling, BUCK_SEL = 01b
4.0
4.2
4.35
V
VBK rising, BUCK_SEL = 10b
2.7
2.8
2.9
V
VBK falling, BUCK_SEL = 10b
2.5
2.6
2.7
V
VBK rising, BUCK_SEL = 11b
4.2
4.4
4.55
V
VBK falling, BUCK_SEL = 11b
4
4.2
4.35
V
VBK_UV
Buck regulator undervoltage lockout
(HW Device)
VBK rising, VSEL_BK pin tied to AGND
2.7
2.8
2.9
V
VBK falling, VSEL_BK pin tied to AGND
2.5
2.6
2.7
V
VBK rising, VSEL_BK pin to 47 kΩ +/- 5%
tied to AVDD
4.3
4.4
4.5
V
VBK falling, VSEL_BK pin to 47 kΩ +/-
5% tied to AVDD
4.1
4.2
4.3
V
VBK rising, VSEL_BK pin to Hi-Z
2.7
2.8
2.9
V
VBK falling, VSEL_BK pin to Hi-Z
2.5
2.6
2.7
V
VBK rising, VSEL_BK pin tied to AVDD
4.2
4.4
4.55
V
VBK falling, VSEL_BK pin tied to AVDD
4.0
4.2
4.35
V
VBK_UV_HYS
Buck regulator undervoltage lockout
hysteresis
Rising to falling threshold
90
200
320
mV
IBK_CL
Buck regulator Current limit threshold
(SPI Device)
BUCK_CL = 0b
360
600
900
mA
BUCK_CL = 1b
80
150
250
mA
IBK_CL
Buck regulator Current limit threshold
(HW Device)
360
600
900
mA
IBK_OCP
Buck regulator Overcurrent protection
trip point
2
3
4
A
tBK_RETRY
Overcurrent protection retry time
0.7
1
1.3
ms
LOGIC-LEVEL INPUTS (BRAKE, DIR, DRVOFF, nSLEEP, PWM, SCLK, SDI)
VIL
Input logic low voltage
0
0.6
V
VIH
Input logic high voltage
Other Pins
1.5
5.5
V
nSLEEP
1.6
5.5
V
VHYS
Input logic hysteresis
Other PIns
180
300
420
mV
nSLEEP
95
250
420
mV
IIL
Input logic low current
VPIN (Pin Voltage) = 0 V
–1
1
µA
IIH
Input logic high current
nSLEEP, VPIN (Pin Voltage) = 5 V
10
30
µA
Other pins, VPIN (Pin Voltage) = 5 V
30
75
µA
RPD
Input pulldown resistance
nSLEEP
150
200
300
kΩ
Other pins
70
100
130
kΩ
CID
Input capacitance
30
pF
LOGIC-LEVEL INPUTS (nSCS)
VIL
Input logic low voltage
0
0.6
V
VIH
Input logic high voltage
1.5
5.5
V
VHYS
Input logic hysteresis
180
300
420
mV
IIL
Input logic low current
VPIN (Pin Voltage) = 0 V
75
µA
IIH
Input logic high current
VPIN (Pin Voltage) = 5 V
–1
25
µA
RPU
Input pullup resistance
80
100
130
kΩ
CID
Input capacitance
30
pF
www.ti.com
MCT8316Z-Q1
SLVSGO3 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: MCT8316Z-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com