Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 8 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 4Page - Texas Instruments MCT8316Z Datasheet HTML 5Page - Texas Instruments MCT8316Z Datasheet HTML 6Page - Texas Instruments MCT8316Z Datasheet HTML 7Page - Texas Instruments MCT8316Z Datasheet HTML 8Page - Texas Instruments MCT8316Z Datasheet HTML 9Page - Texas Instruments MCT8316Z Datasheet HTML 10Page - Texas Instruments MCT8316Z Datasheet HTML 11Page - Texas Instruments MCT8316Z Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
7.4 Thermal Information
THERMAL METRIC(1)
MCT8316ZT-Q1,
MCT8316ZR-Q1
UNIT
VQFN (RGF)
40 Pins
RθJA
Junction-to-ambient thermal resistance
25.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
15.2
°C/W
RθJB
Junction-to-board thermal resistance
7.3
°C/W
ΨJT
Junction-to-top characterization parameter
0.2
°C/W
ΨJB
Junction-to-board characterization parameter
7.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Electrical Characteristics
TJ = –40°C to +150°C, VVM = 4.5 to 35 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 24 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
POWER SUPPLIES
IVMQ
VM sleep mode current
VVM > 6 V, nSLEEP = 0, TA = 25 °C
1.5
2.5
µA
nSLEEP = 0
2.5
5
µA
IVMS
VM standby mode current
(Buck regulator disabled)
nSLEEP = 1, PWM = 0, SPI =
'OFF', BUCK_DIS = 1;
4
10
mA
VVM > 6 V, nSLEEP = 1, PWM = 0, SPI =
'OFF', TA = 25 °C, BUCK_DIS = 1;
4
5
mA
IVMS
VM standby mode current
(Buck regulator enabled)
VVM > 6 V, nSLEEP = 1, PWM = 0, SPI =
'OFF', IBK = 0, TA = 25 °C, BUCK_DIS =
0;
5
6
mA
nSLEEP = 1, PWM = 0, SPI = 'OFF', IBK
= 0, BUCK_DIS = 0;
6
10
mA
IVM
VM operating mode current
(Buck regulator disabled)
VVM > 6 V, nSLEEP = 1, fPWM = 25 kHz,
TA = 25 °C, BUCK_DIS = 1
10
13
mA
VVM > 6 V, nSLEEP = 1, fPWM = 200 kHz,
TA = 25 °C, BUCK_DIS = 1
18
21
mA
nSLEEP =1, fPWM = 25 kHz, BUCK_DIS
= 1
11
15
mA
nSLEEP =1, fPWM = 200 kHz,
BUCK_DIS = 1
17
24
mA
IVM
VM operating mode current
(Buck regulator enabled)
VVM > 6 V, nSLEEP = 1, fPWM =
25 kHz, TA = 25 °C, BUCK_DIS =
0; BUCK_PS_DIS = 0
11
13
mA
VVM > 6 V, nSLEEP = 1, fPWM =
200 kHz, TA = 25 °C, BUCK_DIS =
0; BUCK_PS_DIS = 0
19
22
mA
nSLEEP =1, fPWM = 25 kHz, BUCK_DIS
= 0; BUCK_PS_DIS = 0
12
16
mA
nSLEEP =1, fPWM = 200 kHz,
BUCK_DIS = 0; BUCK_PS_DIS = 0
18
27
mA
VAVDD
Analog regulator voltage
0 mA ≤ IAVDD ≤ 30 mA; BUCK_PS_DIS =
0
3.1
3.3
3.465
V
IAVDD
External analog regulator load
30
mA
VVCP
Charge pump regulator voltage
VCP with respect to VM
3.6
4.7
5.2
V
fCP
Charge pump switching frequency
400
kHz
MCT8316Z-Q1
SLVSGO3 – DECEMBER 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MCT8316Z-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com