Electronic Components Datasheet Search
  English  ▼

X  

MCT8316Z Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 65 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 61Page - Texas Instruments MCT8316Z Datasheet HTML 62Page - Texas Instruments MCT8316Z Datasheet HTML 63Page - Texas Instruments MCT8316Z Datasheet HTML 64Page - Texas Instruments MCT8316Z Datasheet HTML 65Page - Texas Instruments MCT8316Z Datasheet HTML 66Page - Texas Instruments MCT8316Z Datasheet HTML 67Page - Texas Instruments MCT8316Z Datasheet HTML 68Page - Texas Instruments MCT8316Z Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
8.6.1.3 Status_Register_2 Register (Offset = 2h) [Reset = 00h]
Status_Register_2 is shown in Status_Register_2 Register and described in Status_Register_2 Register Field
Descriptions.
Return to the STATUS Registers.
Figure 8-51. Status_Register_2 Register
7
6
5
4
3
2
1
0
RESERVED
OTP_ERR
BUCK_OCP
BUCK_UV
VCP_UV
SPI_PARITY
SPI_SCLK_FLT SPI_ADDR_FL
T
R-0-0h
R-0h
R-0h
R-0h
R-0h
R-0-0h
R-0h
R-0h
Table 8-15. Status_Register_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R-0
0h
Reserved
6
OTP_ERR
R
0h
One Time Programmabilty Error
0h = No OTP error is detected
1h = OTP Error is detected
5
BUCK_OCP
R
0h
Buck Regulator Overcurrent Staus Bit
0h = No buck regulator overcurrent is detected
1h = Buck regulator overcurrent is detected
4
BUCK_UV
R
0h
Buck Regulator Undervoltage Staus Bit
0h = No buck regulator undervoltage is detected
1h = Buck regulator undervoltage is detected
3
VCP_UV
R
0h
Charge Pump Undervoltage Status Bit
0h = No charge pump undervoltage is detected
1h = Charge pump undervoltage is detected
2
SPI_PARITY
R-0
0h
SPI Parity Error Bit
0h = No SPI parity error is detected
1h = SPI parity error is detected
1
SPI_SCLK_FLT
R
0h
SPI Clock Framing Error Bit
0h = No SPI clock framing error is detected
1h = SPI clock framing error is detected
0
SPI_ADDR_FLT
R
0h
SPI Address Error Bit
0h = No SPI address fault is detected (due to accessing non-user
register)
1h = SPI address fault is detected
8.6.2 CONTROL Registers
CONTROL Registers lists the memory-mapped registers for the CONTROL registers. All register offset
addresses not listed in CONTROL Registers should be considered as reserved locations and the register
contents should not be modified.
Table 8-16. CONTROL Registers
Offset
Acronym
Register Name
Section
3h
Control_Register_1
Control Register 1
Section 8.6.2.1
4h
Control_Register_2A
Control Register 2A
Section 8.6.2.2
5h
Control_Register_3
Control Register 3
Section 8.6.2.3
6h
Control_Register_4
Control Register 4
Section 8.6.2.4
7h
Control_Register_5
Control Register 5
Section 8.6.2.5
8h
Control_Register_6
Control Register 6
Section 8.6.2.6
9h
Control_Register_7
Control Register 7
Section 8.6.2.7
www.ti.com
MCT8316Z-Q1
SLVSGO3 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: MCT8316Z-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com