Electronic Components Datasheet Search
  English  ▼

X  

AD9161BBCZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 27Page - Analog Devices AD9161BBCZ Datasheet HTML 28Page - Analog Devices AD9161BBCZ Datasheet HTML 29Page - Analog Devices AD9161BBCZ Datasheet HTML 30Page - Analog Devices AD9161BBCZ Datasheet HTML 31Page - Analog Devices AD9161BBCZ Datasheet HTML 32Page - Analog Devices AD9161BBCZ Datasheet HTML 33Page - Analog Devices AD9161BBCZ Datasheet HTML 34Page - Analog Devices AD9161BBCZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 31 of 144
IOUTFS = 40 mA, fDAC = 5.0 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
0
1000
500
1500
2000
2500
fOUT (MHz)
–50
–70
–90
–40
–60
–80
–100
TEMPERATURE = –40°C
TEMPERATURE = +25°C
TEMPERATURE = +85°C
Figure 76. SFDR vs. fOUT over Temperature
fDAC = 2500MHz
fDAC = 3000MHz
fDAC = 5000MHz
fDAC = 6000MHz
400
1800
800
600
1000
1200
1400
1600
2000
fOUT (MHz)
–160
–170
–150
–155
–165
–175
Figure 77. Single-Tone NSD Measured at 70 MHz vs. fOUT over fDAC
fDAC
fDAC
fDAC
fDAC
400
1800
800
600
1000
1200
1400
1600
2000
fOUT (MHz)
–160
–170
–150
–155
–165
–175
Figure 78. Single-Tone NSD Measured at 10% Offset from fOUT vs. fOUT over fDAC
fDAC = 2500MHz
fDAC = 3000MHz
fDAC = 5000MHz
fDAC = 6000MHz
400
1800
800
600
1000
1200
1400
1600
2000
fOUT (MHz)
–160
–170
–150
–155
–165
–175
Figure 79. W-CDMA NSD Measured at 70 MHz vs. fOUT over fDAC
–150
–155
–160
–165
–170
–175
400
600
800
1000
1200
1400
1600
1800
2000
fOUT (MHz)
fDAC = 2500MHz
fDAC = 3000MHz
fDAC = 5000MHz
fDAC = 6000MHz
Figure 80. W-CDMA NSD Measured at 10% Offset from fOUT vs. fOUT over fDAC
0
1000
500
1500
2000
2500
fOUT (MHz)
–50
–70
–90
–40
–60
–80
–100
TEMPERATURE = –40°C
TEMPERATURE = +25°C
TEMPERATURE = +85°C
Figure 81. IMD vs. fOUT over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com